Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VI-261-CV Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-261-CV
Description  DC-DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-261-CV Datasheet(HTML) 2 Page - Vicor Corporation

  VI-261-CV Datasheet HTML 1Page - Vicor Corporation VI-261-CV Datasheet HTML 2Page - Vicor Corporation VI-261-CV Datasheet HTML 3Page - Vicor Corporation VI-261-CV Datasheet HTML 4Page - Vicor Corporation VI-261-CV Datasheet HTML 5Page - Vicor Corporation VI-261-CV Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VI-200 DC-DC Converters
Rev 3.6
vicorpower.com
Page 2 of 6
08/2014
800 927.9474
VI-200, VE-200
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Inrush charge
120 x 10
-6
120 x 10
-6
200 x 10
-6
Coulombs
Nominal line
Input reflected
10%
10%
IIN
Nominal line, full load
ripple current – pp
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
CONVERTER SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
25 + 20 Log
( Vin )
Vout
30 + 20 Log
( Vin )
Vout
20 + 20 Log
( Vin )
Vout
INPUT SPECIFICATIONS
Low Line
75%
Vin
2
3.3
5
5.2 5.5 5.8 6.5 7.5 10
12 13.8 15 18.5 24
28
36
40
48
52
72
85
95
Voltage
Max Power
Transient[b]
Designators
ZY
0
X
W
V
T
R
M
1
P
2
N3
L
J
K
4
H
F
D
B
Nom. (Range)
12 (10-20)
n/a
22
0
X
X
X
X
XX
X
X
X
XXX
XXXXX
X
XXXX
24 (10-36)
n/a
n/a
V
--
X
Y
YYY
Y
X
X
XXX
XXXXX
X
--------
24 (21-32)
18
36
1
U
U
U
UUU
V
V
U
UUU
UUUUU
U
UUUU
24 (18-36)
n/a
n/a
W
V
V
V
VVV
W
W
V
VVV
VVVVV
V
VVVV
36 (21-56)
18
60
2
W
V
W
WWW
W
W
W
WWW
WWWWW
W
W
--
--
--
48 (42-60)
36
72
3
U
U
U
UUU
U
U
U
UUU
UUUUU
U
UUUU
48 (36-76)
n/a
n/a
N
V
U
U
UUU
U
U
U
UUU
UUUUU
U
UUUU
72 (55-100)
45
110
4
U
U
U
UUU
V
V
U
UUU
UUUUU
U
UUUU
110 (66-160)
n/a
n/a
T
V
V
V
VVV
W
W
V
VVV
VVVVV
V
V
V----
150 (100-200)
85
[c]
215
5
U
U
V
V
V
V
V
V
U
UUU
UUUUU
U
UUUU
150 (100-375)
n/a
n/a
7
W
W
Y
Y
Y
Y
W
W
W
WWW
WWWWW
W
W
--
--
--
300 (200-400)
170
[d]
425
6
U
U
U
U
U
U
V
V
U
UUU
UUUUU
U
UUUU
Maximum Power Available for VI-2xx-xx
[a]
[a] For additional output power, “booster” modules are available. (VI-Bxx-xx)
[c] 15 Vout, 200 W models are limited to 90 Vdc
[b] Transient voltage for 1 second.
[d] 15 Vout, 200 W models are limited to 185 Vdc
Input
Output
Vout Designators



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com