Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN920-12-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN920-12-E
Description  Single-channel high side driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920-12-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN920-12-E Datasheet HTML 15Page - STMicroelectronics VN920-12-E Datasheet HTML 16Page - STMicroelectronics VN920-12-E Datasheet HTML 17Page - STMicroelectronics VN920-12-E Datasheet HTML 18Page - STMicroelectronics VN920-12-E Datasheet HTML 19Page - STMicroelectronics VN920-12-E Datasheet HTML 20Page - STMicroelectronics VN920-12-E Datasheet HTML 21Page - STMicroelectronics VN920-12-E Datasheet HTML 22Page - STMicroelectronics VN920-12-E Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
VN920-E
Package and packing information
Doc ID 10894 Rev 4
21/23
4.2
PENTAWATT packing information
Figure 22. PENTAWATT tube shipment (no suffix)
L4
0.9
2.9
L5
2.6
3
L6
15.1
15.8
L7
6
6.6
V4
90°
Diam.
3.65
3.85
Table 16.
PENTAWATT (in-line) mechanical data (continued)
Symbol
millimeters
Min
Typ
Max
All dimensions are in mm.
Base Q.ty
50
Bulk Q.ty
1000
Tube length (± 0.5)
532
A
18
B
33.1
C (± 0.1)
1
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com