Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2719 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C2719
Description  Photosensor amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C2719 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C2719 Datasheet HTML 1Page - Hamamatsu Corporation C2719 Datasheet HTML 2Page - Hamamatsu Corporation C2719 Datasheet HTML 3Page - Hamamatsu Corporation C2719 Datasheet HTML 4Page - Hamamatsu Corporation C2719 Datasheet HTML 5Page - Hamamatsu Corporation C2719 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photosensor amplifier
C2719
LIGHT
330
Cf1
+Vs
-Vs
ZERO ADJ
(CASE)
A
-
+
Rf1
Rf2
Rf3
Cf2
L
M
H
Vout = -(i × Rf)
PROTECTION CIRCUIT
A
K
+Vs
0 V
-Vs
+
006P (9 V) × 2
EXTERNAL POWER
SUPPLY TERMINAL
HR10-7R-4P (HIROSE)
+
Figure 1 Equivalent circuit (when photodiode cathode is grounded)
<Amplifier circuit>
KACCC0030EC
KACCC0031EA
I Equivalent circuit
In the equivalent circuit diagram (Figure 1), the photocurrent sig-
nal i is connected to the input terminal of the negative feedback
amplifier A. The input resistance of A is designed to be much
larger than feedback resistance Rf, so all of i is flows through Rf.
The result is that the output voltage of A is converted to -i × Rf (V),
the reverse phase of i. Rf is switched to the High, Medium and Low
ranges by the conversion impedance, with Medium being 1/100
of High and Low being 1/10000 of High.
Feedback capacitance Cf is 10 pF (1 nF + 10 pF at Low range) to
prevent the circuit from becoming unstable at high frequencies.
In this case, the cut-off frequency is calculated as follows:
Rf
Cf
2
1
=
f
π
(Hz)
At this frequency, the output voltage is 0.7 times that at the low
frequency.
I Pulsed light measurement
G Output response waveform
If the photodiode terminal capacitance is approximately 2 nF or
more, ringing may appear in the output waveform of C2719
when pulsed light is detected, resulting in inaccurate measure-
ments. In this case, use a photodiode with a smaller terminal
capacitance, or add a reverse voltage to the photodiode to re-
duce the terminal capacitance.
Figures 2 (a) and (b) show pulse response waveforms when
used with S2281 photodiode which is designed to easily con-
nect to C2719. The terminal capacitance of S2281 is 1.28 nF.
G Frequency response
Figure 3 shows the frequency response characteristics when
used with S2281. As stated above, if the photodiode terminal
capacitance is too large, a noticeable peak is formed in the fre-
quency characteristics. This situation is shown in Figure 4. A
frequency at which this kind of peak exists equals the reciprocal
of the ringing cycle generated in the pulse response output
waveform.
G S/N
As explained above, when the terminal capacitance of a photo-
diode is too large, peaking exists in the noise characteristics
even when there is no light input, making it impossible to obtain
an accurate S/N during light measurement.
Figure 5 shows the frequency characteristics of the signal and
noise when S2281 is used. Here, peaking cannot be observed.
←LED drive pulse waveform
(2 V/div.)
←Output waveform
(2 V/div.)
←LED drive pulse waveform
(2 V/div.)
←Output waveform
(2 V/div.)
Figure 2 Output response waveform (S2281 + E2573)
(a) H range
(b) L, M range
2
<Power supply circuit>



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com