Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BR3005-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BR3005-G
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BR3005-G Datasheet(HTML) 1 Page - Comchip Technology

  BR3005-G Datasheet HTML 1Page - Comchip Technology BR3005-G Datasheet HTML 2Page - Comchip Technology BR3005-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Bridge Rectifiers
Page 1
REV:A
BR3005-G Thru. BR310-G
Dimensions in inches and (millimeter)
QW-BBR81
Reverse Voltage: 50 to 1000V
Forward Current: 3.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Comchip Technology CO., LTD.
Features
Mechanical Data
BR3
0.268(6.80)
0.228(5.80)
0.748(19.0)
MIN.
0.032(0.81)
0.028(0.71)
0.619(15.71)
0.589(14.96)
0.433(11.00)
0.374(9.50)
0.619(15.71)
0.589(14.96)
0.433(11.00)
0.374(9.50)
Hole for NO.6 Screw
Parameter
Symbol
Unit
Maximum Recurrent
Reverse Voltage
Peak
Maximum RMS Bridge Input Voltage
Maximum Average Forward Rectified
Output Current
@TA=50°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load
Operating Temperature Range
Storage Temperature Range
BR3005-G
50
35
VRRM
VRMS
I(AV)
IFSM
VF
TJ
TSTG
3.0
40
1.1
-55 to +150
-55 to +150
V
V
A
A
V
°C
°C
100
70
200
140
400
280
600
420
800
560
1000
700
Maximum Forward Voltage Drop
Per Bridge Element at 1.5A Peak
BR301-G
BR302-G
BR304-G
BR306-G
BR308-G
BR310-G
IR
10
1.0
μA
@ TJ=25°C
@ TJ=100°C
Maximum Reverse Current at
Rated DC Blocking Voltage
Per Element
mA
-Polarity: As marked on Body
-Mounting position:Any
-Weight: 2.65 grams
-Low forward voltage drop.
-Small size ; simple installation.
-Tinned copper leads.
-Surge overload rating -40 amperes peak.
-Materials used carries U/L recognition.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - BR3005-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BR3005-G COMCHIP-BR3005-G Datasheet
75Kb / 3P
Silicon Bridge Rectifiers
BR3005-G COMCHIP-BR3005-G_15 Datasheet
75Kb / 3P
Silicon Bridge Rectifiers
More results

Similar Description - BR3005-G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com