Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBU6005-G Datasheet(PDF) 1 Page - Comchip Technology

Part # KBU6005-G
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBU6005-G Datasheet(HTML) 1 Page - Comchip Technology

  KBU6005-G Datasheet HTML 1Page - Comchip Technology KBU6005-G Datasheet HTML 2Page - Comchip Technology KBU6005-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Bridge Rectifiers
Page 1
REV:A
KBU6005-G Thru. KBU610-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR80
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Output Current
@Tc=100°C
Peak Forward Surge Current 8.3ms single
Half Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
Operating Temperature Range
Storage Temperature Range
Reverse Voltage: 50 to 1000V
Forward Current: 6.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
6.0
175
1.0
10
-55 to +150
-55 to +150
V
V
V
A
A
V
μA
°C
KBU
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Comchip Technology CO., LTD.
Notes:
Features
-Surge overload rating - 175 amperes peak.
Mechanical Data
-Ideal for printed circuit board.
200
°C
DC Blocking Voltage
@TJ=100°C
Maximum Reverse Leakage Current
At Rate
@TJ=25°C
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
KBU
6005-G
KBU
601-G
KBU
602-G
KBU
604-G
KBU
606-G
KBU
608-G
KBU
610-G
-Mounting position: Any
-Case: Molded plastic, KBU
-Weight: 7.40grams
0.935(23.7)
0.895(22.7)
0.600(16.8)
0.700(17.8)
300
(7 .5)
(25 .4)
1.00
MIN.
.0 71 (1 .8)
.08 7 (2.2)
0.220(5.6)
0.256(6.5)
0.276(7.0)
0.15ΦX23L
HO LE TH RU
0.157(4.0)*45°
0.180(4.6)
0.048(1.2)TYP.
0.052(1.3)DIA.
0.780(19.8)
0.740(18.8)
(3.8ΦX5.7L)
-Plastic material has U/L flammability
classification 94V-0
2. Company reserves the right to improve product design , functions and reliability without notice.
260
pF
Typical Junction Capacitance Per Element (Note1)
CJ
Maximum Instantanous Forward Voltage Drop
per Element at 3.0A


Similar Part No. - KBU6005-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBU6005-G COMCHIP-KBU6005-G Datasheet
87Kb / 3P
Silicon Bridge Rectifiers
More results

Similar Description - KBU6005-G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com