Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QF2405XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # QF2405XM
Description  0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QF2405XM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  QF2405XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd QF2405XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd QF2405XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QF
QF-X
-XMS
MS
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Input
Input Specifications
Specifications
Conditions
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5–16.5
24
21.6-26.4
Filter
Capacitor
Turn on transient process time
25
ms
Start up time
200
ms
Absolute maximum rating
5 Vin
7
VDC
12 Vin
15
15 Vin
17
24 Vin
28
Peak input voltage time
100
ms
Output
Output Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short circuit protection
Momentary (1sec)
Line voltage regulation
For 1% change of Vin
±1.2
% of Vin
Load voltage regulation
Load 20 – 100%
±10
%
Load voltage regulation 3.3V
output model
Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/ C
Ripple & noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
100
μF
Rising time
50
ms
General
General Specifications
Specifications
Parameters
Parameters
Conditions
Conditions
Typical
Typical
Maximum
Maximum
Units
Units
Switching frequency
100% load
80
KHz
Operating temperature
Without derating
-40~+85
℃
Storage temperature
-40~+125
℃
Maximum case temperature
100
℃
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic
Weight
1.5
F
g
Dimensions (Lx W x H)
0.46 x 0.24 x 0.38 inches
11.68 x 6.00 x 9.65 mm
MTBF
>2 010 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 ℃)
NOTE:
NOTE: All
All specifications
specifications in
in this
this data
data sheet
sheet are
are measured
measured at
at an
an ambient
ambient temperature
temperature of
of 25
25°°C,
C, humidity<75%,
humidity<75%, nominal
nominal input
input voltage
voltage and
and at
at
rated
rated output
output load
load unless
unless otherwise
otherwise specified
specified..



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com