Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PR246 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR246
Description  SINGLE-TURN ROTARY POTENTIOMETERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR246 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR246 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR246 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR246 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
Resistance Laws:
Fig. 1. Resistance laws: A - linear; B-logarithmic, C-reverse logarithmic.
Fig. 2. Derating curve versus ambient temperature.
Fig. 2. Power dissipation curve of potentiometers versus ambient temperature.
Derating curve: Potentiometers could be dissipated of power from 100% nominal power
at ambient temperature
≤ +40oC up to 25% nominal power at ambient temperature +70oC.
Summary
Type of
potentiometer
Switch
Spindle
material
Diameter of
Spindle
(mm)
Standard spindle long
(mm)
Type of spindle
end
PR 246
No
Metal
6
16; 20; 25; 32; (40)
P-1; P-5; P-6
PR 2461 s55
Yes
Metal
6
16; 20; 25; 32; (40)
P-1; P-5; P-6
PR 2462
No
Plastic
6
(20); 25; (32)
(P-1); P-5
PR 2462 s55
Yes
Plastic
6
(20); 25; (32)
(P-1); P-5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com