Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUV21 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BUV21
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUV21 Datasheet(HTML) 2 Page - Savantic, Inc.

  BUV21 Datasheet HTML 1Page - Savantic, Inc. BUV21 Datasheet HTML 2Page - Savantic, Inc. BUV21 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV21
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A; IB=0;L=25mH
200
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50mA; IC=0
7
V
VCEsat-1
Collector-emitter saturation voltage
IC=12 A;IB=1.2A
0.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=25 A;IB=3A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=25A;IB=3A
1.5
V
ICEX
Collector cut-off current
VCE=250V;VBE=-1.5V
TC=125
3.0
12
mA
ICEO
Collector cut-off current
VCE=160V;IB=0
3.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=12A ; VCE=2V
20
60
hFE-2
DC current gain
IC=25A ; VCE=4V
10
fT
Transition frequency
IC=2A ; VCE=15V; f=4MHz
8.0
MHz
Switching times
ton
Turn-on time
1.0
µs
ts
Storage time
1.8
µs
tf
Fall time
IC=25A ;IB1=-IB2=3A
VCC=100V ;RC=4E
0.4
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com