Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6564T Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6564T
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T Datasheet(HTML) 5 Page - STMicroelectronics

  L6564T Datasheet HTML 1Page - STMicroelectronics L6564T Datasheet HTML 2Page - STMicroelectronics L6564T Datasheet HTML 3Page - STMicroelectronics L6564T Datasheet HTML 4Page - STMicroelectronics L6564T Datasheet HTML 5Page - STMicroelectronics L6564T Datasheet HTML 6Page - STMicroelectronics L6564T Datasheet HTML 7Page - STMicroelectronics L6564T Datasheet HTML 8Page - STMicroelectronics L6564T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
L6564T
Description
Doc ID 022671 Rev 1
5/33
1
Description
The L6564T is a current-mode PFC controller operating in transition mode (TM) and
represents the compact version of the L6563S as it embeds the same driver, reference and
control stages in a very compact 10-pin SO package.
The highly linear multiplier, along with a special correction circuit that reduces crossover
distortion of the mains current, allows wide-range-mains operation with an extremely low
THD even over a large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and an accurate
(1% @TJ = 25 °C) internal voltage reference. The loop stability is optimized by the voltage
feedforward function (1/V2 correction), which in this IC uses a proprietary technique that
also considerably improves line transient response in case of both mains drops and surges
(“bidirectional”).
In addition to overvoltage protection able to control the output voltage during transient
conditions, the IC also provides protection against feedback loop failures or erroneous
settings. Other on-board protection functions allow brownout conditions and boost inductor
saturation to be safely handled.
The totem-pole output stage, capable of a 600 mA source and 800 mA sink current, is
suitable for a high power MOSFET or IGBT drive. This, combined with the other features
and the possibility to operate with ST's proprietary fixed-off-time control, makes the device
an excellent solution for SMPS up to 400 W that requires compliance with EN61000-3-2 and
JEITA-MITI standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com