Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSBC856 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSBC856
Description  P N P E P I T A X I A L P L A N A R T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSBC856 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSBC856 Datasheet HTML 1Page - E-Tech Electronics LTD GSBC856 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/06/08
REVISED DATE :
G
G S
S B
B C
C 885566
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSBC856 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-65
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
100
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA
BVCEO
-65
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-15
nA
VCB=-30V
VCE(sat)1
-
-75
-300
mV
IC=-10mA, IB=-0.5mA
VCE(sat)2
-
-250
-650
mV
IC=-100mA, IB=-5mA
VBE(sat)1
-
-700
-
mV
IC=-10mA, IB=-0.5mA
VBE(sat)2
-
-850
-
mV
IC=-100mA, IB=-5mA
VBE(on)1
-600
-
-750
mV
VCE=-5V, IC=-2mA
VBE(on)2
-
-
-820
mV
VCE=-5V, IC=-10mA
hFE
75
-
800
VCE=-5V, IC=-2mA
fT
-
150
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
Cob
-
4.5
-
pF
VCB=-10V, f=1MHz, IE=0A
Classification Of hFE
Rank
9AA
9AB
9AC
Normal
Range
125 - 250
220 - 475
420 – 800
75 - 475


Similar Part No. - GSBC856

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSBC856 GTM-GSBC856 Datasheet
156Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GSBC856

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI42C ETL-GI42C Datasheet
146Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ127 ETL-GJ127 Datasheet
174Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GL4403 ETL-GL4403 Datasheet
162Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM1386 ETL-GM1386 Datasheet
292Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM5401 ETL-GM5401 Datasheet
161Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GMBTA92 ETL-GMBTA92 Datasheet
203Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT1015 ETL-GSMBT1015 Datasheet
156Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT4403 ETL-GSMBT4403 Datasheet
157Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com