Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FZ800ED-GPIO-TACT-SWITCH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FZ800ED-GPIO-TACT-SWITCH
Description  GPIO-TACT-SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FZ800ED-GPIO-TACT-SWITCH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FZ800ED-GPIO-TACT-SWITCH Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
75mil(2.0mm)
100Mil
100Mil
(UART)
FZ800ED_GPIO_TACT_SWITCH의
JP4를통해서 출력되는
TTL
신호를
Level로
사용하실려면 R4,R5에
0ohm을연결
U2,
해주시고
C5,C6,C7,C8,C9를
제거해주
.
시기바랍니다
FZ800ED_GPIO_TACT_SWITCH의
JP4를통해서 출력되는
EIA
신호를
Level로
사용하실려면 R4,R5의
연결을 끊어주시고
U2(MAX3238)와
C5,C6,C7,C8,C9에각각
0.1uF을
연결하시
.
기바랍니다
(VCC
입력전압
)
5V
이
이상일때
R2 저항을
R3
제거해주시고
에
0ohm을연
.
결해주시기바랍니다
(VCC)
입력전압
3.3V
이일때
R2
0
저항에
ohm 연결해주시고
R3저항을 제거해 주시기
바랍
.
니다
<Doc>
<RevCode>
FZ800ED_GPIO_TACT_SWITCH
B
11
Friday, November 14, 2008
Title
Size
Document Number
Rev
Date:
Sheet
of
GND
3_3V
GND
RXD0
TXD0
OK
ADC
GP_0
GP_1
GP_2
GP_3
GP_4
GP_5
GP_6
GP_7
Key
GP_0
GP_6
GP_2
GP_7
3_3V
GP_1
GP_4
GP_5
GP_3
Key
TXD1
GND
VCC
RXD1
GP_1
GP_0
ADC
GND
3_3V
Key
VCC
GND
3_3V
TXD0
RXD1
TXD1
RXD0
VCC
3_3V
3_3V
3_3V
D5
C7
0.1uF
D6
C6
0.1uF
U2
MAX3238/IDBR
13
8
9
2
26
14
21
20
16
15
11
18
24
23
22
19
17
5
6
7
10
12
27
4
28
25
1
3
FORCEON
R1IN
R2IN
GND
VCC
FORCEOFF
R1OUT
R2OUT
R1OUTB
INVALID
R3IN
R3OUT
T1IN
T2IN
T3IN
T4IN
T5IN
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
V+
V-
C1+
C1-
C2+
C2-
C8
0.1uF
D7
C3
0.1uF
C15 0.1uF
D8
D9
D10
C13 0.1uF
R1
R-1K
D3
R4
0ohm
C12 0.1uF
C5
0.1uF
R5
0ohm
R3
0ohm
R7
10K
D2
LED(RED)
R8
10K
R10
R-1K
R9
10K
D1
RB551V-30
U1
GM66102
1
3
D19
LED(RED)
C16 0.1uF
R6
0ohm
D12
RB551V-30
JP4
HEADER 3
1
2
3
C1
33uF/6.3V
D13
RB551V-30
C17
33uF
D14
RB551V-30
D15
RB551V-30
D16
RB551V-30
D11
RB551V-30
JP3
HEADER 2
1
2
C10 0.1uF
D17
RB551V-30
SW1
GPIO7
R2
0ohm
JP5
HEADER 6
1
2
3
4
5
6
SW2
GPIO6
D18
RB551V-30
SW3
GPIO5
SW4
GPIO4
SW5
GPIO3
C4
0.1uF
SW6
GPIO2
J1
Mini USB
1
2
3
4
5
6
SW7
GPIO1
SW8
GPIO0
SW9
INT
C11 0.1uF
C2
0.1uF
JP1
HEADER 10
1
2
3
4
5
6
7
8
9
10
C14 0.1uF
D4
C9
0.1uF
JP2
HEADER 10
1
2
3
4
5
6
7
8
9
10


Similar Part No. - FZ800ED-GPIO-TACT-SWITCH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
GPIO-BUZZ
FZ800ED-GPIO-DIP-SWITCH ETC-FZ800ED-GPIO-DIP-SWITCH Datasheet
78Kb / 1P
GPIO-DIP-SWITCH
FZ800ED-GPIO-FND ETC-FZ800ED-GPIO-FND Datasheet
80Kb / 1P
GPIO-FND
FZ800ED-GPIO-LED ETC-FZ800ED-GPIO-LED Datasheet
78Kb / 1P
GPIO-LED
More results

Similar Description - FZ800ED-GPIO-TACT-SWITCH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSS-TD-26EA ETC1-TSS-TD-26EA Datasheet
149Kb / 1P
TACT SWITCH
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211 Datasheet
254Kb / 5P
Sealed Tact Switch
logo
List of Unclassifed Man...
FZ800ED-GPIO-DIP-SWITCH ETC-FZ800ED-GPIO-DIP-SWITCH Datasheet
78Kb / 1P
GPIO-DIP-SWITCH
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
Suntan Capacitors
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
TACT SWITCH
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com