Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMART5000RT3U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMART5000RT3U
Description  SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART5000RT3U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART5000RT3U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
151
High voltage transfer to battery
power (setpoint)
282
SPECIAL FEATURES
Grounding lug
Back panel grounding lug
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
Green & high efficiency features
Individually controllable load banks
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
BP48V27-2US
BP48V27-2US - 2U External 48V Rack/Tower Battery pack for select Tripp Lite UPS Systems
1
BP48V24-2U
BP48V24-2U - 2U External 48V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
1
BP48V60RT-3U
External Battery Pack and Cable. 3U, Expandable, Blue 2-Point Connector
1
DCATV
Network Surge Suppressor - Essential protection for TV/VCR coaxial lines
1
DNET1
Network Surge Suppressor - Essential protection for data and communication lines
1
DTEL2
Network Surge Suppressor - Essential protection for data and communication lines
1
ENVIROSENSE
Monitors temperature, humidity and contact-closure inputs. (Requires SNMPWEBCARD or switched
PDU.)
1
SNMPWEBCARD
For remote monitoring and control via SNMP, Web, or Telnet.
1
5 / 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com