Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC1881 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC1881
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1881 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC1881 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1881 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1881 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1881 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1881 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1881 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC1881(K)
4
V
IN
I
C
0.002
µ
50
µ
– +
0.002
µ
50
µ
– +
D.U.T.
R
L
V
CC
V
BH
V
IN
50
R
1
I
B1
I
B2
t
r, tf ≤ 10 ns
pw
≥ 100 µs
duty ratio
≤ 10%
R
2
Unit R :
C : F
Switching Time Test Circuit
IC
IB1
IB2
VCC VBB VIN
RL
R1
R2
AmA
mA
VVV
ΩΩΩ
2
8
–8
11
–4
7.2
5
620
910
V
IN
0V 10%
0A
90%
10%
90%
10%
90%
I
C
t
d
t
on
t
off
t
stg
Response Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com