Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4196 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4196 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC4196 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC4196
5
S Parameters (Emitter Common)
Test condition
V
CE = 5 V, 100 MHz to 1000 MHz (100 MHz STEP), ZO = 50 Ω
IC = 5 mA
IC = 10 mA
S11-Frequency
0
–0.2
–0.4
–0.6
–0.8
–1
–1.5
–2
–3
–4
–5
–10
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
∞
0.2
0.6 0.8 12
3
5
10
1.5
4
0.4
S21-Frequency
180
°
–150
°
–120
°
–90
°
–60
°
–30
°
60
°
30
°
0
°
120
°
90
°
150
°
Scale : 4/div
S12-Frequency
180
°
–150
°
–120
°
–90
°
–60
°
–30
°
60
°
30
°
0
°
120
°
90
°
150
°
Scale : 0.04/div
S22-Frequency
0
0.2
0.4 0.6 0.8 12
3
5
10
–0.2
–0.4
–0.6
–0.8
–1
–1.5
–2
–3
–4
–5
–10
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
∞
1.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com