Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25A310 Datasheet(PDF) 2 Page - Sensitron

Part # S25A310
Description  THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

S25A310 Datasheet(HTML) 2 Page - Sensitron

  S25A310 Datasheet HTML 1Page - Sensitron S25A310 Datasheet HTML 2Page - Sensitron S25A310 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON________ _
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5420, REV. -
©2014 Sensitron Semiconductor
 221 West Industry Court  Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
 www.sensitron.com  sales@sensitron.com
S424xx
SC3BA05,S25A305,S25A305HE,S25A310,S25A310FR,S25A31
0HE,S25A315HE,S25A20,S25A320FR,S25A320S7,S25A340,S2
5A340FR,S25A340S7,SC3BA6,S25A360,S25A360FR,S25A360
S7,S25A380,S25A3100,S25A3100FR
TYPE
NUMBER
PEAK
INVERSE
VOLTAGE
(PER LEG)
MAX.
AVERAGE DC
OUTPUT
CURRENT
PEAK
1 CYCLE
SURGE
CURRENT
tp = 8.3 msec
(PER LEG)
MAX.
FORWARD
VOLTAGE
DROP
(PER LEG)
MAX.
REVERSE
CURRENT
Ir @ PIV
(PER LEG)
(µA)
MAX.
THERMAL
RESISTANCE
RJC
(PER LEG)
MAX.
REVERSE
REC. TIME
(PERLEG)
IF = 0.5A,
IR = 1.0A,
TRR = 0.25A
Volts
55ºC
100ºC
Amps
Volts
Amps
25ºC
100ºC
ºC/W
ns
S25A340S7
400
18
13.5
80
1.75
9
5
100
2.5
85
SC3BA6
600
18
15
80
1.00
3
5
100
1.7
5000
S25A360
600
18
15
80
1.30
9
3
100
1.7
5000
S25A360FR
600
20
15
80
1.60
9
5
100
1.7
180
S25A360S7
600
18
13.5
80
1.75
9
5
100
2.5
85
S25A380
800
18
15
80
1.30
9
3
100
1.7
5000
S25A3100
1000
18
15
80
1.30
9
3
100
1.7
5000
S25A3100FR
1000
18
13.5
80
1.75
9
5
100
2.5
180



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com