Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1MT0412-R47MF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT0412-R47MF
Description  High Current Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT0412-R47MF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT0412-R47MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
 
 
5 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(mΩ)
Max.(mΩ)
Irms3(A)
Isat4(A)
1MT0750-4R7MF
4.7
±20%
23.0
25.0
6.5
7.0
1MT0750-8R2MF
8.2
±20%
40.0
43.0
5.5
5.5
1MT0750-100MF
10.0
±20%
48.0
55.0
4.5
3.3
1MT1030-R10MF
0.10
±20%
0.7
0.7
30.0
75.0
1MT1030-R33MF
0.33
±20%
1.3
1.6
23.0
32.0
1MT1030-R36MF
0.36
±20%
1.3
1.6
23.0
28.0
1MT1030-R47MF
0.47
±20%
2.1
2.5
23.0
26.0
1MT1030-R56MF
0.56
±20%
2.4
3.0
22.0
24.0
1MT1030-R68MF
0.68
±20%
2.9
3.4
21.0
23.0
1MT1030-1R0MF
1.0
±20%
5.3
6.0
15.0
21.0
1MT1030-1R5MF
1.5
±20%
6.5
7.5
13.5
20.0
1MT1030-2R2MF
2.2
±20%
8.0
9.0
13.0
16.0
1MT1030-3R3MF
3.3
±20%
14.5
16.0
9.0
14.0
1MT1030-4R7MF
4.7
±20%
20.5
22.5
7.0
13.0
1MT1030-8R2MF
8.2
±20%
35.0
45.0
5.0
8.5
1MT1030-100MF
10
±20%
50.0
55.0
5.0
7.5
1MT1030-150MF
15
±20%
59.0
65.0
4.0
6.0
1MT1040-R22MF
0.22
±20%
0.7
0.8
38.0
60.0
1MT1040-R36MF
0.36
±20%
1.1
1.3
30.0
60.0
1MT1040-R39MF
0.39
±20%
1.1
1.3
30.0
60.0
1MT1040-R47MF
0.47
±20%
1.6
1.8
26.0
40.0
1MT1040-R56MF
0.56
±20%
1.6
1.8
26.0
40.0
1MT1040-R68MF
0.68
±20%
2.4
2.7
22.0
39.0
1MT1040-R82MF
0.82
±20%
2.7
3.0
20.0
38.0
1MT1040-1R0MF
1.0
±20%
3.0
3.3
18.0
36.0
1MT1040-1R5MF
1.5
±20%
3.8
4.2
16.0
33.0
1MT1040-2R2MF
2.2
±20%
6.7
7.0
12.0
27.0
1MT1040-3R3MF
3.3
±20%
11.0
13.2
11.0
14.5
1MT1040-4R7MF
4.7
±20%
13.2
16.5
10.0
13.0
1MT1040-5R6MF
5.6
±20%
16.0
18.5
8.5
10.5
1MT1040-6R8MF
6.8
±20%
21.5
24.0
7.5
9.5
1MT1040-100MF
10
±20%
27.0
30.0
7.0
8.5
1MT1040-150MF
15
±20%
40.0
45.0
6.0
7.0
1MT1040-220MF
22
±20%
60.0
66.0
5.0
5.5
1MT1040-330MF
33
±20%
85.0
92.0
4.4
5.0
1MT1040-470MF
47
±20%
130.0
145.0
3.3
3.5
1MT1040-680MF
68
±20%
178.0
195.0
2.3
3.0
1MT1330-R22MF
0.22
±20%
1.1
1.3
38.0
65.0
1MT1330-R33MF
0.33
±20%
1.3
1.5
36.5
62.0
1MT1330-R39MF
0.39
±20%
1.5
1.7
34.5
57.0
1MT1330-R47MF
0.47
±20%
1.7
2.0
32.0
55.0
1MT1330-R56MF
0.56
±20%
1.8
2.2
29.0
51.0
1MT1330-R68MF
0.68
±20%
2.3
2.5
28.0
49.0
1MT1330-R82MF
0.82
±20%
2.6
3.0
25.0
44.0
1MT1330-1R0MF
1.0
±20%
3.3
3.5
24.0
40.0
1MT1330-1R5MF
1.5
±20%
5.1
5.5
19.0
35.0
1MT1330-2R2MF
2.2
±20%
7.2
8.0
16.0
29.0
1MT1330-3R3MF
3.3
±20%
10.0
12.0
12.0
27.0
1MT1330-4R7MF
4.7
±20%
16.0
18.0
9.0
22.0
1MT1350-R36MF
0.36
±20%
0.8
1.1
41.0
75.0
1MT1350-R47MF
0.47
±20%
1.1
1.3
38.0
65.0
1MT1350-R56MF
0.56
±20%
1.2
1.5
36.0
55.0
1MT1350-R68MF
0.68
±20%
1.5
1.7
34.0
54.0
1MT1350-R82MF
0.82
±20%
1.8
2.1
31.0
53.0
1MT1350-1R0MF
1.0
±20%
2.0
2.5
29.0
50.0
1MT1350-1R5MF
1.5
±20%
3.4
4.1
23.0
48.0
1MT1350-2R2MF
2.2
±20%
4.5
5.5
20.0
32.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com