Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WPC
Description  Bipolar Process
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WPC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet DS00109 / June 2010
Process information and data (“Information”) in this document is an outline only , for general information purposes ; it does not constitute a representation or warranty
as to capability , performance or suitability of the Process for any given application. User must satisfy himself that the Process is suitable for his requirements .
While Information herein is believed correct and accurate , it is subject to change without notice and Plessey accepts no liability arising from the use or application of
such Information.
All use of , and product manufactured and supplied using the Process , will be subject to Plessey’s standard trading terms, which are available on request .
Plessey Semiconductors Ltd. Tamerton Road, Roborough, Plymouth, United Kingdom, PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemiconductors.com
WPC
Bipolar Process
Data Sheet DS00109 / June 2010
Key parameters (minimum geometry device)
NPN
fT
7 GHz at Ic=0.4 mA, Vce=2V
CJC
10 fF
CJE
14fF
Bvceo
6V
Propagation
Delay
125 ps
Applications
Low current circuits
Synthesizers
Pagers
Key Process Feature
1.8nF/sq
μm MIS capacitors
High value polysilicon resistor
Very low leakage currents
Low flicker noise
npn cross section
Epitaxy (n-)
BN
Substrate (p-)
DC
Collector
LOCOS
BP
IS
LOCOS
Base
Emitter
IS
BP
Minimum geometry npn fT curve
0.0
2.0
4.0
6.0
8.0
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
IC (A)
fT (GHz)
Vce=2V
npn parameters (1.5 x 1.5 um emitter)
parameter
Condition
Value
Units
fT
Ic=0.3mA Vce=2V
7
GHz
HFE
Ic=10
μA Vce=2V
100
VAF
30
V
BVCEO
Ic=1
μA
>13.5
V
BVCBO
Ic=5
μA
>6
V
CJE
Vbe=0
14
fF
CJC
Vbc=0
10
fF
CJS
Vcs=0
17
fF
Lateral pnp parameters
parameter
Condition
Value
Units
fT
Vce=2V
100
MHz
HFE
Ic=10
μA Vcb=0V
60
VAF
17
V
BVCEO
Ic=1
μA
>6
V
Resistor Values
parameter
Value
Units
Poly
3.2
± 0.5
k
Ω
Base
550
± 50
Ω
PR
67.5
± 7.5
Ω
Design Rules
Feature
Min
μm
Spacing
μm
Emitter
1.0 x 2.5
or
1.5 x 1.5
Poly (EP) resistor
1.5
2.0
Base and PR
resistor
3.0
1.5
Contact
1.0 x 2.5
or
1.5 x 1.5
1st Layer metal
2.0
2.0
2
nd layer metal
2.0
2.0
WPC is a versatile RF bipolar process providing excellent RF functionality
at low cost. Features such as high value poly resistors, nitride capacitors
and two layer metal allow low current circuits to be built with high packing
densities,


Similar Part No. - WPC

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
WPC IDEM-SAFETY-WPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
Level One
WPC-0600 LVL1-WPC-0600 Datasheet
196Kb / 2P
300Mbps Wireless CardBus Adapter
logo
Laird Tech Smart Techno...
WPC-A11 LSTD-WPC-A11 Datasheet
408Kb / 1P
Wireless charger for office
logo
Taoglas antenna solutio...
WPC.25A.07.0150C TAOGLAS-WPC.25A.07.0150C Datasheet
488Kb / 10P
rohs compliant
WPC.25B.35 TAOGLAS-WPC.25B.35 Datasheet
818Kb / 10P
rohs compliant
More results

Similar Description - WPC

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
List of Unclassifed Man...
HGC ETC2-HGC Datasheet
82Kb / 1P
double-polysilicon trench isolated bipolar process
HJB ETC2-HJB Datasheet
84Kb / 1P
Complementary Bipolar Process
HJV ETC2-HJV Datasheet
83Kb / 1P
Complementary Bipolar Process
HJW ETC2-HJW Datasheet
83Kb / 1P
Complementary Bipolar Process
HSB ETC2-HSB Datasheet
72Kb / 1P
SOI Complementary Bipolar Process
WPX ETC2-WPX Datasheet
54Kb / 1P
Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
Bipolar Transistor Adoption of FBET process
September, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com