Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL28EB742ALC Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL28EB742ALC
Description  EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742ALC Datasheet(HTML) 4 Page - Silicon Laboratories

  SL28EB742ALC Datasheet HTML 1Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 2Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 3Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 4Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 5Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 6Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 7Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 8Page - Silicon Laboratories SL28EB742ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
SL28EB742
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD = 3.3 V, TA =25°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage (extended)
VDD(industrial)
3.3 V ±5%
3.13
3.3
3.46
V
Supply Voltage (commercial)
VDD(commercial)
3.3 V ±10%
2.97
3.3
3.63
V
Table 2. DC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Max
Unit
3.3 V Operating Voltage
VDD core
3.3 ± 5%
3.135
3.465
V
3.3 V Input High Voltage
(SE)
VIH
2.0
VDD +
0.3
V
3.3 V Input Low Voltage (SE)
VIL
VSS –
0.3
0.8
V
Input High Voltage
VIHI2C
SDATA, SCLK
2.2
—
V
Input Low Voltage
VILI2C
SDATA, SCLK
—
1.0
V
FS Input High Voltage
VIH_FS
0.7
VDD+0.
3
V
FS Input Low Voltage
VIL_FS
VSS –
0.3
0.35
V
Input High Leakage Current
IIH
Except internal pull-down resistors,
0 < VIN < VDD
—5
A
Input Low Leakage Current
IIL
Except internal pull-up resistors,
0 < VIN < VDD
–5
—
A
3.3 V Output High Voltage
(SE)
VOH
IOH = –1 mA
2.4
—
V
3.3 V Output Low Voltage
(SE)
VOL
IOL = 1 mA
—
0.4
V
High-impedance Output
Current
IOZ
–10
10
A
Input Pin Capacitance
CIN
1.5
5
pF
Output Pin Capacitance
COUT
6pF
Pin Inductance
LIN
—7
nH
Power Down Current
IDD_PD
—1
mA
Dynamic Supply Current
IDD_3.3 V
All outputs enabled. SE clocks with 5”
traces. Differential clocks with 5” traces.
Loading per CK505 spec.
—115
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com