Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N5116 Datasheet(PDF) 1 Page - Micross Components

Part # 2N5116
Description  Linear Systems replaces discontinued Siliconix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

2N5116 Datasheet(HTML) 1 Page - Micross Components

  2N5116 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N5116 
LOW ON RESISTANCE 
rDS(on) ≤ 150Ω 
LOW CAPACITANCE 
6pF 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = ‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
2N5116 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
‐‐ 
‐‐ 
 
 
I= 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
‐‐ 
VDS = ‐15V, ID = ‐1nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
‐0.7 ‐1 
I= ‐1mA,   VDS = 0V 
 
VDS(on) 
 
Drain to Source On Voltage 
‐‐ 
‐1.0 
‐‐ 
VGS = 0V, ID = ‐15mA 
‐‐ 
‐0.7 
‐‐ 
VGS = 0V, ID = ‐7mA 
‐‐ 
‐0.5 ‐0.6 
VGS = 0V, ID = ‐3mA 
IDSS 
Drain to Source Saturation Current (Note 2) ‐5 
‐‐ 
‐25 
mA 
VDS = ‐15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
500  
 
pA 
 
VGS = 20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐5 
‐‐ 
VDS = ‐15V,  ID = ‐1mA 
 
ID(off) 
 
Drain Cutoff Current 
‐‐ 
‐10 
‐‐ 
VDS = ‐15V, VGS = 12V 
‐‐ 
‐10 
‐‐ 
VDS = ‐15V, VGS = 7V 
‐‐ 
‐10 ‐500 
VDS = ‐15V, VGS = 5V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
150 Ω 
ID = ‐1mA,   VGS = 0V 
2N5116 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
‐‐ 
4.5 
‐‐ 
mS 
VDS = ‐15V,  ID = 1mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
20 
‐‐ 
µS 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
150 Ω 
I= 0A,   VGS = 0V,   f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
20 
25  
pF 
VDS = ‐15V, VGS = 0V, f = 1MHz 
 
Crss 
 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
VDS = 0V, VGS = 12V, f = 1MHz 
‐‐ 
‐‐ 
VDS = 0V, VGS = 7V, f = 1MHz 
‐‐ 
VDS = 0V, VGS = 5V, f = 1MHz 
en 
Equivalent Noise Voltage 
‐‐ 
20 
‐‐ 
nV/√Hz 
VDG = 10V,  ID = 10mA , f = 1kHz 
2N5116 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
12  
 
ns 
VGS(L) = ‐5V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
30 
td(off) 
Turn Off Time 
10 
tf 
Turn Off Fall Time 
50 
                                                                                                                 
2N5116 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VDD ‐6V  
VGG 
8V  
RL 
2kΩ 
 
RG 
390Ω 
 
ID(on) ‐3mA  
2N5116
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N5116
This analog switch is designed for inverting switching
into inverting input of an Operational Amplifier.
The hermetically sealed TO-18 package is well suited
for hi-reliability and harsh environment applications.
(See Packaging Information).
2N5116 Applications:
Analog Switches
Commutators
Choppers
2N5116 Benefits:
Low On Resistance
ID(off) ≤ 500 pA
Switches directly from TTL logic
Available Packages:
2N5116 in TO-18
2N5116 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which 2N5116 serviceability may be impaired.  Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3% 
TO-18 (Bottom View)
SWITCHING TEST CIRCUIT


Similar Part No. - 2N5116

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5116 CALOGIC-2N5116 Datasheet
33Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
2N5116 LINEAR-2N5116 Datasheet
328Kb / 2P
SINGLE P-CHANNEL JFET
logo
Microsemi Corporation
2N5116 MICROSEMI-2N5116 Datasheet
56Kb / 2P
P-CHANNEL J-FET
logo
Intersil Corporation
2N5116 INTERSIL-2N5116 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N5116 MICROSEMI-2N5116 Datasheet
60Kb / 2P
P-CHANNEL J-FET
More results

Similar Description - 2N5116

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
J501 MICROSS-J501 Datasheet
531Kb / 1P
Linear Systems replaces discontinued Siliconix J501
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com