Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMPT3904E Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT3904E
Description  ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3904E Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT3904E Datasheet HTML 1Page - Central Semiconductor Corp CMPT3904E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPT3904E NPN
CMPT3906E PNP
ENHANCED SPECIFICATION
SURFACE MOUNT COMPLEMENTARY
SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
8.0
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
12
kΩ
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
10
X10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
100
400
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
60
μS
NF
VCE=5.0V, IC=100μA, RS =1.0KΩ, f=10Hz to 15.7kHz
4.0
dB
td
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
tr
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
ts
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
200
ns
tf
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
50
ns
LEAD CODE:
1) Base
2) Emitter
3) Collector
SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODES:
CMPT3904E: C1AE
CMPT3906E: C2AE
www.centr a lsemi.com
R3 (1-February 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com