Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML610Q411 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML610Q411
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q411 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML610Q411 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610Q411 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
FEDL610Q411-02
LAPIS Semiconductor
ML610Q411/ML610Q412/ML610Q415
21/36
OPERATING CONDITIONS OF FLASH ROM
(VSS = AVSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +40
C
VDD
At write/erase
*1
2.75 to 3.6
VDDL
At write/erase
*1
2.5 to 2.75
Operating voltage
VPP
At write/erase
*1
7.7 to 8.3
V
Write cycles
CEP

80
cycles
Data retention
YDR

10
years
*1: Those voltages must be supplied to V
DDL pin and VPP pin when programming and eraseing Flash ROM.
VPP pin has an internal pulldown resister.
DC CHARACTERISTICS (1/5)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = 20 to +70C, Ta = 40 to +85C for P version, unless otherwise
specified) (1/5)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
Ta = 25
C
Typ.
10%
500
Typ.
10%
kHz
500kHz RC oscillation
frequency
fRC
VDD = 1.3
to 3.6V
*
3
Typ.
25%
500
Typ.
25%
kHz
Low-speed crystal oscillation
start time*
2
TXTL


0.3
2
s
500kHz RC oscillation start
time
TRC


50
500
s
Low-speed oscillation stop
detect time
*1
TSTOP

0.2
3
20
ms
Reset pulse width
PRST

200


Reset noise elimination
pulse width
PNRST



0.3
s
Power-on reset activation
power rise time
TPOR



10
ms
1
*
1: When low-speed crystal oscillation stops for a duration more than the low-speed oscillation stop detect time, the system is
reset to shift to system reset mode. ML610Q411PC and ML610Q415 does not have this characteristic.
*
2 : Use 32.768KHz Crystal Oscillator C-001R (Epson Toyocom) with capacitance CGL/CDL=0pF.
*
3 : Recommended operating temperature (Ta = 40 to +85C for P version, Ta = 20 to +70C for non-P version)
RESET
RESET_N
RESET_N pin reset
VDD
0.9xVDD
0.1xVDD
TPOR
Power on reset
PRST
VIL1
VIL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com