Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1002 Datasheet(PDF) 2 Page - Stanson Technology

Part # ST1002
Description  N Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1002 Datasheet(HTML) 2 Page - Stanson Technology

  ST1002 Datasheet HTML 1Page - Stanson Technology ST1002 Datasheet HTML 2Page - Stanson Technology ST1002 Datasheet HTML 3Page - Stanson Technology ST1002 Datasheet HTML 4Page - Stanson Technology ST1002 Datasheet HTML 5Page - Stanson Technology ST1002 Datasheet HTML 6Page - Stanson Technology ST1002 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST1002
N Channel Enhancement Mode MOSFET
3.0A
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stnasontech.com
ST1002 2013 . V1
2
ABSOULTE MAXIMUM RATINGS
(Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TJ=150℃
TA=25℃
TA=70℃
ID
5.0
3.0
A
Pulsed Drain Current
IDM
15
A
Continuous Source Current (Diode Conduction)
IS
1.9
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.0
1.2
W
Operation Junction Temperature
TJ
-55/150
℃
Storgae Temperature Range
TSTG
-55/150
℃
Thermal Resistance-Junction to Ambient
RθJA
75
℃/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com