Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFS110-7902P Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS110-7902P
Description  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7902P Datasheet(HTML) 1 Page - Emerson Network Power

  NFS110-7902P Datasheet HTML 1Page - Emerson Network Power NFS110-7902P Datasheet HTML 2Page - Emerson Network Power NFS110-7902P Datasheet HTML 3Page - Emerson Network Power NFS110-7902P Datasheet HTML 4Page - Emerson Network Power NFS110-7902P Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Embedded Power for
Business-Critical Continuity
NFS110 Medical
Series
Single and
quad output
Special Features
• 7.0 x 4.25 x 1.8 inch package
• Medical, dental and
laboratory applications
• Overvoltage and short circuit
protection
• 110 W with 20 CFM
• UL, VDE and CSA safety
approvals
• EN60601-1 and UL2601
medical approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110 W
Input Voltage: 90 - 253 Vac
127 - 357 Vdc
# of Outputs:
Single, quad
Safety
VDE0805/EN60601-1/
IEC601/IEC1010
File No. 10401-3336-1049
Licence No. 2874
UL2601 File No. E147937
CSA C22.2 No. 125
File No. LR41062C
Rev. 06.10.08
NFS110 Series
1 of 5
Electrical Specifications
Output
Voltage adjustability
+5.1 V o/p on multi’s
±3.0%
5.1 V single output
±3.0%
12 V single output
12-14 V
15 V single output
15-18 V
24 V single output
24-30 V
Line regulation
LL to HL, FL
±0.1% max.
All outputs on all units
Overshoot/undershoot
At turn-on no lead
0%
Temperature coefficient
All outputs
±0.02%/°C
Overvoltage protection
Multi o/p 5.1 V only
6.25 V ±0.75 V
5.1 V single
6.25 V ±0.75 V
12 V single
15.75 V ±1.0 V
15 V single
22 V ±1.5 V
24 V single
33 V ±2.5 V
Output power limit
Primary power
Pin max. 160 W
limited
Pout min. 110 W
Short circuit protection
Burst mode operation
Input
Input voltage range
90-253 Vac
127-357 Vdc
Input frequency range
47-440 Hz
Input surge current
110 Vac. 50 Hz
17 A
230 Vac. 50 Hz
35 A
Safety ground leakage current 132 Vac
50 μA
264 Vac
100 μA
All specifications are typical at nominal input, full load at
25
°C unless otherwise stated


Similar Part No. - NFS110-7902P

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS110-7902PJ EMERSON-NETWORKPOWER-NFS110-7902PJ Datasheet
416Kb / 5P
NFS110 Series
logo
Artesyn Technologies
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
Single and quad output
More results

Similar Description - NFS110-7902P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
Single and dual output
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
548Kb / 5P
Single & quad output
NFS110 EMERSON-NETWORKPOWER-NFS110_09 Datasheet
513Kb / 5P
Single & Quad output
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
Artesyn Technologies
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NFS110-7601PJ ARTESYN-NFS110-7601PJ Datasheet
513Kb / 5P
Single & Quad output
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
Single and quad output
NFS110-7924J ARTESYN-NFS110-7924J Datasheet
992Kb / 5P
Single and quad output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com