Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSC2139 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSC2139
Description  1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSC2139 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSC2139 Datasheet HTML 1Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 2Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 3Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 4Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 5Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 6Page - E-Tech Electronics LTD GSC2139 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GSC2139
Page: 1/7
ISSUED DATE :2006/04/14
REVISED DATE :
G
G S
S C
C 22113399
11 .. 55 55 A
A C
C M
M O
O S
S L
L o
o w
w D
D rr o
o p
p o
o u
u tt V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GSC2139 of positive, linear regulators feature low ground current (45 A typ.) with low dropout voltage,
making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
The GSC2139 is stable with an output capacitance of 4.7 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 1.55A output
&Over-Temperature Shutdown
&Current Limiting
&Highly Accurate± 1.5%
&Low ‡Temperature Coefficient
&Power-Saving Shutdown Mode
&Adjustable Version
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Typical Application Circuit


Similar Part No. - GSC2139

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GSC2139

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5J2188 ETL-G5J2188 Datasheet
550Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2188 ETL-G5U2188 Datasheet
547Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2189 ETL-G5U2189 Datasheet
525Kb / 7P
1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2119 ETL-GSC2119 Datasheet
522Kb / 7P
1 . 5 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2138 ETL-GSC2138 Datasheet
551Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com