Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

J204 Datasheet(PDF) 1 Page - Micross Components

Part # J204
Description  Linear Systems replaces discontinued Siliconix J204
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

J204 Datasheet(HTML) 1 Page - Micross Components

  J204 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J204 
LOW CUT OFF VOLTAGE 
VGS(off) ≤ 1.5 
HIGH GAIN 
A= 80 V/V 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐40V 
Gate to Source Voltage 
VGSS = ‐40V 
  
 
 
J204 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐0.3 
‐‐ 
‐2 
VDS = 15V, ID = 10nA 
IDSS 
Drain to Source Saturation Current (Note 2) 
0.2 
‐‐ 
mA 
VDS = 15V,  VGS = 0V 
IGSS 
Gate Reverse Current ‐2 
‐‐ 
‐100  
pA 
VGS = ‐20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐2 
‐‐ 
VDG = 10V,  ID = 0.1mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 2 
‐‐ 
VDS = 15V, VGS = ‐5V 
gfs 
Forward Transconductance 
0.5 
‐‐ 
‐‐ 
mS 
VDS = 15V,   VGS = 0V , f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
4.5 
‐‐ 
pF 
VDS = 15V, VGS = 0V, f = 1MHz 
 
Crss 
Reverse Transfer Capacitance 
‐‐ 
1.3 
‐‐ 
en 
Equivalent Noise Voltage 
‐‐ 
‐‐ 
nV/√Hz 
VDS = 10V,  ID = 1mA , f = 1kHz 
Micross Components Europe
Available Packages:
J204 in TO-92
J204 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which J204 serviceability may be impaired.  
Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3% 
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)
J204
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J204
The J204 is a high gain N-Channel JFET
This n-channel JFET is optimised for high gain. The
part is particularly suitable for use in low power or high
impedance amplifiers. The TO-92 package is well
suited for cost sensitive applications and mass
production.
(See Packaging Information).
J204 Applications:
Battery powered amplifiers
Audio Pre-Amplifiers
Infra-Red Detector Amplifiers
J204 Benefits:
High Input Impedance
Low Cutoff Voltage
Low Noise


Similar Part No. - J204

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J204 CALOGIC-J204 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J204 LINEAR-J204 Datasheet
203Kb / 2P
HIGH GAIN N-CHANNEL JFET
logo
Vishay Siliconix
J204 VISHAY-J204 Datasheet
71Kb / 5P
N-Channel JFETs
15-Mar-04
logo
Intersil Corporation
J204 INTERSIL-J204 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Vishay Siliconix
J204 VISHAY-J204 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
More results

Similar Description - J204

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com