Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X7R0402HTTP102K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # X7R0402HTTP102K
Description  Available in high capacitance values (up to 100 關F)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X7R0402HTTP102K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  X7R0402HTTP102K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X7R0402HTTP102K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X7R0402HTTP102K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X7R0402HTTP102K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X7R0402HTTP102K Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
• High Q factor
• Low T.C.C.
• Available in high capacitance values (up to 100 µF)
• Products with lead-free terminations meet
EU RoHS requirements
NPO, X5R, X7R,Y5V
ceramic chip capacitors
dimensions and construction
W
t
L
d
d
Ni
Plating
Silver
Metallization
Solder
Plating (Sn)
Electrodes
Ceramic
Body
L
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.006
(0.25±0.15)
.021
(0.55)
W
t (Max.)
d
Dimensions inches
(mm)
0402
.063±.006
(1.6±0.15)
.032±.006
(0.81±0.15)
.014±.006
(0.35±0.15)
.035
(0.9)
0603
.079±.008
(2.01±0.2)
.049±.008
(1.25±0.2)
.02±.01
(0.50±0.25)
.051
(1.3)
0805
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.01
(0.5±0.25)
.059
(1.5)
1206
.126±.008
(3.2±0.2)
.098±.008
(2.5±0.2)
.02±.01
(0.5±0.25)
.067
(1.7)
1210
Case
Size
ordering information
B: ±0.1pF
C: ±0.25pF
D: ±0.5pF
F: ±1%
G: ±2%
J: ±5%
K: ±10%
M: ±20%
Z: +80, -20%
T: Sn
NPO, X5R,
X7R,Y5V:
2 significant digits
+ no. of zeros.
“R” indicates
decimal point
0402
0603
0805
1206
1210
A = 10V
C = 16V
E = 25V
H = 50V
I = 100V
J = 200V
K = 6.3V
TP: 7" 2mm pitch
(0402 only)
TD: 7" paper tape
TE: 7" embossed plastic
TDB: 13" paper tape
TEB: 13" embossed plastic
Size
Voltage
Capacitance
Tolerance
Termination
Material
Packaging
New Part #
H
TD
101
K
T
0805
NPO
NPO
X5R
X7R
Y5V
Dielectric
For further information on packaging,
please refer to Appendix B.
225
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/23/09
EU


Similar Part No. - X7R0402HTTP102K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X7R0402HTTP101B KOA-X7R0402HTTP101B Datasheet
243Kb / 5P
ceramic chip capacitors
X7R0402HTTP101C KOA-X7R0402HTTP101C Datasheet
243Kb / 5P
ceramic chip capacitors
X7R0402HTTP101D KOA-X7R0402HTTP101D Datasheet
243Kb / 5P
ceramic chip capacitors
X7R0402HTTP101F KOA-X7R0402HTTP101F Datasheet
243Kb / 5P
ceramic chip capacitors
More results

Similar Description - X7R0402HTTP102K

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AW56GKE OHMITE-AW56GKE Datasheet
100Kb / 1P
PulsEater Ceramic Composition Available in E12 Ohmic values
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
Ohmite Mfg. Co.
AZ101KE OHMITE-AZ101KE Datasheet
152Kb / 1P
PulsEater Ceramic Composition Available in E12 Ohmic values
logo
KOA Speer Electronics, ...
NPO0402HTTP220J KOA-NPO0402HTTP220J Datasheet
243Kb / 5P
Available in high capacitance values (up to 100 關F)
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
01-Aug-13
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
Custom values available
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
logo
TE Connectivity Ltd
RL73 TEC-RL73 Datasheet
177Kb / 5P
Values down to R10
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
Class B/F available
logo
IET Labs Inc.
1417 IET-1417 Datasheet
198Kb / 2P
Capacitance Standard up to 1 F
Dec. 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com