Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCAX1/0-38-X Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # LCAX1/0-38-X
Description  Flex Conductor, One-Hole, Standard Barrel with Window Lug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCAX1/0-38-X Datasheet(HTML) 2 Page - PANDUIT CORP.

  LCAX1/0-38-X Datasheet HTML 1Page - PANDUIT CORP. LCAX1/0-38-X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L
T
B
W
Diesel
Locomotive
Class
G, H, I, K, M
Std.
Pkg.
Qty.
Wire Strip
Length
(In.)
T&B
Die
Index
No.‡
Burndy
Die
Index
No.‡
Panduit
Die Index
No.‡
Panduit
Color
Code
Figure Dimensions
(In.)
Stud
Hole
Size
(In.)
Code
Conductor
Size
Flex Conductor Size
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
‡See pages D3.70 – D3.73 for tool and die information.
*Not UL Listed or CSA Certified with Class K flex conductor when crimped with Burndy tools.
**Consult cable manufacturer for voltage stress relief instructions with applications greater than 2000 V.
Flex Conductor, One-Hole, Standard Barrel with Window Lug (continued)
LCAX1/0-14-X
1/0 AWG
1/0 AWG
1/0 AWG
1/4
0.85 0.72 0.13 1.82
Pink
P42
12
42
3/4
10
LCAX1/0-56-X
5/16
0.85 0.72 0.13 1.82
Pink
P42
12
42
3/4
10
LCAX1/0-38-X
3/8
0.85 0.72 0.13 1.89
Pink
P42
12
42
3/4
10
LCAX1/0-12-X
1/2
0.85 0.72 0.13 2.14
Pink
P42
12
42
3/4
10
LCAX1/0-58-X
5/8
0.96 0.72 0.11 2.38
Pink
P42
12
42
3/4
10
LCAX2/0-10-X
2/0 AWG
2/0 AWG
2/0 AWG
#10
0.96 0.83 0.13 1.72
Black
P45
13
45
7/8
10
LCAX2/0-14-X
1/4
0.96 0.83 0.13 1.97
Black
P45
13
45
7/8
10
LCAX2/0-56-X
5/16
0.96 0.83 0.13 1.97
Black
P45
13
45
7/8
10
LCAX2/0-38-X
3/8
0.96 0.83 0.13 2.03
Black
P45
13
45
7/8
10
LCAX2/0-12-X
1/2
0.96 0.83 0.13 2.28
Black
P45
13
45
7/8
10
LCAX2/0-58-X
5/8
0.96 0.83 0.13 2.52
Black
P45
13
45
7/8
10
LCAX3/0-10-X
3/0 AWG
3/0 AWG
3/0 AWG
#10
1.06 0.91 0.14 1.84
Orange
P50
14
50
1
10
LCAX3/0-14-X
1/4
1.06 0.91 0.14 2.08
Orange
P50
14
50
1
10
LCAX3/0-56-X
5/16
1.06 0.91 0.14 2.10
Orange
P50
14
50
1
10
LCAX3/0-38-X
3/8
1.06 0.91 0.14 2.17
Orange
P50
14
50
1
10
LCAX3/0-12-X
1/2
1.06 0.91 0.14 2.40
Orange
P50
14
50
1
10
LCAX3/0-58-X
5/8
1.06 0.91 0.14 2.64
Orange
P50
14
50
1
10
LCAX4/0-14-X
4/0 AWG
4/0 AWG
4/0 AWG
1/4
1.19 1.03 0.16 2.30
Purple
P54
15
54
1 1/16
10
LCAX4/0-56-X
5/16
1.19 1.03 0.16 2.53
Purple
P54
15
54
1 1/16
10
LCAX4/0-38-X
3/8
1.19 1.03 0.16 2.53
Purple
P54
15
54
1 1/16
10
LCAX4/0-12-X
1/2
1.19 1.03 0.16 2.64
Purple
P54
15
54
1 1/16
10
LCAX4/0-58-X
5/8
1.19 1.03 0.16 2.85
Purple
P54
15
54
1 1/16
10
LCAX4/0-34-X
3/4
1.19 1.03 0.16 3.04
Purple
P54
15
54
1 1/16
10
LCAX250-14-X
250 kcmil
262.6 kcmil
—
1/4
1.28 1.03 0.17 2.34
Yellow
P62
16
62
1 1/16
10
LCAX250-56-X
5/16
1.28 1.03 0.17 2.57
Yellow
P62
16
62
1 1/16
10
LCAX250-38-X
3/8
1.28 1.03 0.17 2.57
Yellow
P62
16
62
1 1/16
10
LCAX250-12-X
1/2
1.28 1.03 0.17 2.68
Yellow
P62
16
62
1 1/16
10
LCAX250-58-X
5/8
1.28 1.03 0.17 2.89
Yellow
P62
16
62
1 1/16
10
LCAX250-34-X
3/4
1.28 1.03 0.17 3.08
Yellow
P62
16
62
1 1/16
10
LCAX300-38-6
300 kcmil
313.1 kcmil
—
3/8
1.39 1.19 0.18 2.91
Red
P71
18
71H
1 1/4
6
LCAX300-12-6
1/2
1.39 1.19 0.18 2.91
Red
P71
18
71H
1 1/4
6
LCAX300-58-6
5/8
1.39 1.19 0.18 3.12
Red
P71
18
71H
1 1/4
6
LCAX350-56-6
350 kcmil
373.7 kcmil
—
5/16
1.54 1.29 0.22 2.93
Blue
P76
19
76H
1 3/8
6
LCAX350-38-6
3/8
1.54 1.29 0.22 2.93
Blue
P76
19
76H
1 3/8
6
LCAX350-12-6
1/2
1.54 1.29 0.22 3.09
Blue
P76
19
76H
1 3/8
6
LCAX350-58-6
5/8
1.54 1.29 0.22 3.30
Blue
P76
19
76H
1 3/8
6
LCAX450-12-6
450 kcmil
444.4 kcmil
—
1/2
1.70 1.40 0.26 3.60
Brown
P87
20
87H
1 7/16
6
LCAX450-58-6
5/8
1.70 1.40 0.26 3.73
Brown
P87
20
87H
1 7/16
6
LCAX500-56-6
500 kcmil
535.3 kcmil
—
5/16
1.89 1.48 0.26 3.27
Pink
P99
L99
99H
1 9/16
6
LCAX500-38-6
3/8
1.89 1.48 0.26 3.27
Pink
P99
L99
99H
1 9/16
6
LCAX500-12-6
1/2
1.89 1.48 0.26 3.64
Pink
P99
L99
99H
1 9/16
6
LCAX500-58-6
5/8
1.89 1.48 0.26 4.20
Pink
P99
L99
99H
1 9/16
6
LCAX650-56-6
—
646.4 kcmil
—
5/16
1.95 1.45 0.30 3.27
Black
P106
24
106H
1 1/2
6
LCAX650-38-6
3/8
1.95 1.45 0.30 3.27
Black
P106
24
106H
1 1/2
6
LCAX650-12-6
1/2
1.95 1.45 0.30 3.64
Black
P106
24
106H
1 1/2
6
LCAX650-58-6
5/8
1.95 1.45 0.30 4.20
Black
P106
24
106H
1 1/2
6
LCAX750-12-3
—
777.7 kcmil
—
1/2
2.17 1.66 0.32 3.94
Yellow
P115
L115
115H
1 3/4
3
LCAX750-58-3
5/8
2.17 1.66 0.32 4.59
Yellow
P115
L115
115H
1 3/4
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com