Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR2018040NG03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STR2018040NG03
Description  300mm Rigid LED Strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STR2018040NG03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STR2018040NG03 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
300mm Rigid LED Strip
Page 2
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved.
The information in this document is subject to change without
Features:
Specification:
Part number
STR2018040WG03
STR2018040NG03
STR2018040CG03
Input Voltage
DC 12V
Input Current
360 mA
Power Consumption
4W
CCT
2760~3160K
3920~4600K
5450~6600K
Luminous flux
275 lm
330 lm
340 lm
Efficiency
68 lm/W
82 lm/W
85 lm/W
CRI
80
75
75
Viewing Angle
150°
LED Type
285
LED Quantity
18PCS
Case Temperature (Ts)
45°C
LED Junction Temperature (Tj)
65°C
Life-Span
40,000hr
Operating Temperature
-40~60
℃
Operating Humidity
≤80%
Storage Temperature
-45~70
℃
Material
PC/Al Alloy
Dimension
Length× Width = 306 × 20mm
300 mm Rigid LED Strip
STR2018040WG03
STR2018040NG03
STR2018040CG03
■ Input Voltage: DC12V (Power supply is
not included).
■ Long life span and low maintenance cost.
■ No ultraviolet light, infrared light
spectrums
■RoHS compliant and Mercury-free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com