Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2WI Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TC2WI
Description  DC/DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC2WI Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC2WI Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
-8/13/2014-
OUTPUT
CURRENT
OUTPUT
POWER
5W
5W
6W
6W
5W
6W
6W
1500 mA
1000 mA
500 mA
400 mA
±500 mA
±250 mA
±200 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and
Full Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-36V Input.................................24 VDC
18-75V Input...............................48 VDC
Input Filter........................................................Pi Filter
Reverse Voltage Protection............Internal Shunt Diode
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy.........................................±2%, Max.
Line Regulation............................................±1%, Max.
Load Regulation, Single Output, NL-FL, ...........±2%, Max.
Dual Outputs, 10% FL-FL...±5%, Max.
Minimum Load, Single Output....................Not Required
Dual Outputs..................................10%
Ripple and Noise, 20MHz BW...............150mVp-p, Max.
Short Circuit Protection....Current Limiting, Auto Recovery
GENERAL SPECIFICATIONS
Efficiency..................................................72% to 82%
Isolation Voltage, Input to Output...........1,500 VDC, Min.
Switching Frequency................................200 KHz, Typ.
Operating Temperature Range...............-25°C to +71°C
Derating........................3.33%/°C from +71°C to +100°C
Case Temperature.....................................+100°C Max.
Storage Temperature Range...................-40°C to +100°C
Cooling...........................................Free Air Convection
Safety Approvals....UL 60950-1, EN 60950-1, 2nd Edition
Conducted EMI.............FCC Class A, EN55022 Class A
Case Material................Metal with Non-Conductive Base
TC2W-5S483.3I
TC2W-5S4805I
TC2W-6S4812I
TC2W-6S4815I
TC2W-5D4805I
TC2W-6D4812I
TC2W-6D4815I
TC2W-5S243.3I
TC2W-5S2405I
TC2W-6S2412I
TC2W-6S2415I
TC2W-5D2405I
TC2W-6D2412I
TC2W-6D2415I
9-36 VDC IN
18-75 VDC IN
0.40
(10.2)
2.00
(50.8)
0.60
(15.2)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN -IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
0.10
(2.54)
0.24
(6.0)
TRUMPower
DC/DC CONVERTERS
Tumbler Technologies + TRUMPower • Santa Clara, CA, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TC2WI Series
4:1 Input, 5-6 Watts
T
0.40
(10.2)
0.40
(10.2)


Similar Part No. - TC2WI

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC2W TRUMPOWER-TC2W Datasheet
28Kb / 1P
DC/DC CONVERTERS
TC2W-5D2412 TRUMPOWER-TC2W-5D2412 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 5 Watt
TC2W-5D2412 TRUMPOWER-TC2W-5D2412 Datasheet
28Kb / 1P
DC/DC CONVERTERS
TC2W-5D2415 TRUMPOWER-TC2W-5D2415 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 5 Watt
TC2W-5D2415 TRUMPOWER-TC2W-5D2415 Datasheet
28Kb / 1P
DC/DC CONVERTERS
More results

Similar Description - TC2WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com