Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMA165 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMA165
Description  160-165W Medical Grade Power Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMA165 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMA165 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRUMPower
TMA165 Series
160-165W Medical Grade Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT & OUTPUT SPECIFICATIONS
Input Voltage ............................... 90 to 264 VAC
Input Frequency .......................... 47 to 63 Hz
Input Current .............................. 2.5A (rms) max. @ 90 VAC;
1.0A (rms) max. @ 264 VAC
No Load Power Comsumption ..<0.5W
Output Voltage & Current ........... See table
Output Voltage Regulation ......... ±5% max.
Ripple and Noise ....................... See table
Short-Circuit Protection .............. Yes, Auto recovery
Overload Protection ................... Yes, Auto recovery
Overvoltage Protection ............... Latch & shutdown, AC recycle
GENERAL SPECIFICATIONS
Switching Frequency ................... 50 to 125 KHz
Efficiency .................................... 87% minimum at average load,
115 VAC/230 VAC input
Power Factor .............................. >0.95 @ 115 VAC, >0.90 @
230 VAC at full load
Hold-up Time ............................. >10 ms typical at full load,
115 VAC input
Inrush Current ............................ 65A peak @ 115 VAC,
130A peak @ 230 VAC,
cold start @ 25°C
Withstand Voltage ........................ 4000 Vac from input to output
1500 Vac from input to ground
500 Vac from output to ground
MTBF ........................................... >100,000 hours at full load
and 25°C ambient
temperature
FEATURES
• +12V to +48V, Output Voltage Range
• 0.9 to 0.95 Power Factor
• No Load Power Consumption < 500 mW
• CEC, Energy Star, ERP& EISA Efficiency Level V Compliant
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ......... 0°C to +60°C ambient
Derating ................................... Derate from 100% at 40°C
linearly to 50% at 60°C
Storage Temperature ............. -10°C to +80°C
Operating Humidity ................ 0% to 90%
STANDARDS & COMPLIANCES
EMC Standards ..................... FCC Part 18/ EN55011, Class B
............................................... EN60601-1-2, CE
Safety Standards ................... EN 60601-1, IEC 60601-1,
CSA C22.2 No. 601.1-M90
Agency Approvals .................. UL, cUL, TUV, CB, CE (LVD)
Other Compliances ................ CEC, Energy Star, ERP & EISA
efficiency level V, RoHS
#TMA165-2011-1214
Notes:
1. Dimensions in mm
2. Tolerance: ±0.5mm
3. Output cable: 1,050 mm; AWM 2464 #16 AWG / 3C + shielding, UL80°C
300V VW-1
4. Mating connector: Kycon P/N KPJX-4S-S or equivalent
MODELS LIST
*Measured at output within 20 MHz bandwidth, at rated line voltage and output
load range, and with a 10 µF tantalum capacitor in parallel with a 0.1 µF ceramic
capacitor across the output.
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
&
e
l
p
p
i
R
*
)
p
-
p
V
(
e
s
i
o
N
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
2
1
-
5
6
1
A
M
T
V
2
1A
3
3
.
3
1V
m
0
2
1W
0
6
1
5
1
-
5
6
1
A
M
T
V
5
1A
7
6
.
0
1V
m
0
5
1W
0
6
1
9
1
-
5
6
1
A
M
T
V
9
1A
2
4
.
8V
m
0
9
1W
0
6
1
4
2
-
5
6
1
A
M
T
V
4
2A
8
8
.
6V
m
0
4
2W
5
6
1
8
2
-
5
6
1
A
M
T
V
8
2A
9
8
.
5V
m
0
8
2W
5
6
1
6
3
-
5
6
1
A
M
T
V
6
3A
8
5
.
4V
m
0
6
3W
5
6
1
8
4
-
5
6
1
A
M
T
V
8
4A
4
4
.
3V
m
0
8
4W
5
6
1
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
N
I
P
N
O
I
T
C
N
U
F
1
V
+
2
N
R
U
T
E
R
3
V
+
4
N
R
U
T
E
R
L
L
E
H
S
D
N
U
O
R
G
C
A
&
N
R
U
T
E
R
170
Top View
85.0
44.0
Side View
4X Rubber Foot
Bottom View
Rear View
2.0
DC Output Cable
Front View


Similar Part No. - TMA165

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA164 SANKEN-TMA164 Datasheet
269Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA164B SANKEN-TMA164B Datasheet
284Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA164B-L SANKEN-TMA164B-L Datasheet
284Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA164B-L SANKEN-TMA164B-L Datasheet
284Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA164BI SANKEN-TMA164BI Datasheet
284Kb / 12P
Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA165

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
40-65W Medical Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
63W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com