Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TO-252D-PAK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TO-252D-PAK
Description  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TO-252D-PAK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TO-252D-PAK Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 6Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 7Page - List of Unclassifed Manufacturers TO-252D-PAK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2004 Littelfuse, Inc.
M3 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Packing Options
M3
Packing options include:
•
Bulk Pack
•
Reel Pack (RP)
•
Ammo Pack (AP)
•
Tube Pack (TP)
•
Embossed Carrier (RP)
See “Package Type and Packing Options” on page M3-2.
Sample Instructions for Choosing a
Packing Option
(1) If selecting an “L401E6” (sensitive gate, 400 V, 1 A triac in a
TO-92 package), choose one of the options available for that
device:
• Bulk packed in 2,000 quantity
• Tape and Reel with 2,000 parts per reel
• Tape and Ammo with 2,000 parts per box
(2) Add the designated code as a suffix to the device number,
such as “L401E6 RP” if selecting Tape and Reel or “L401E6
AP” if selecting Tape and Ammo. (Bulk packing requires no
suffix.)
M3


Similar Part No. - TO-252D-PAK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TO-252D LITTELFUSE-TO-252D Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
Continental Device Indi...
TO-252DPAK CDIL-TO-252DPAK Datasheet
240Kb / 5P
TO-252 (DPAK) SMD Plastic Package
More results

Similar Description - TO-252D-PAK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
Mounting instructions for STMicroelectronics
21-Jul-2014
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
Choosing a DALI implementation strategy with ST7DALIF2
17-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com