Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16DPPS05PTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP16DPPS05PTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05PTR Datasheet(HTML) 4 Page - STMicroelectronics

  STP16DPPS05PTR Datasheet HTML 1Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 2Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 3Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 4Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 5Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 6Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 7Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 8Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Summary description
STP16DPPS05
4/35
DocID15817 Rev 3
Table 3. Pin description
Pin n°
Symbol
Name and function
1
GND
Ground terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
LE/DM1
Latch input terminal - detect mode 1 (see operation principle)
5-20
OUT 0-15
Output terminal
21
OE/DM2
Input terminal of output enable (active low) - detect mode 1
(see operation principle)
22
SDO
Serial data out terminal
23
R-EXT
Input terminal for an external resistor for constant current
programming
24
VDD
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com