Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA6423AF Datasheet(PDF) 1 Page - Rohm

Part # BA6423AF
Description  Standard Single-phase Full wave Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6423AF Datasheet(HTML) 1 Page - Rohm

  BA6423AF Datasheet HTML 1Page - Rohm BA6423AF Datasheet HTML 2Page - Rohm BA6423AF Datasheet HTML 3Page - Rohm BA6423AF Datasheet HTML 4Page - Rohm BA6423AF Datasheet HTML 5Page - Rohm BA6423AF Datasheet HTML 6Page - Rohm BA6423AF Datasheet HTML 7Page - Rohm BA6423AF Datasheet HTML 8Page - Rohm BA6423AF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/10
TSZ02201-0H1H0B100230-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
19.Jul.2012 Rev.001
www.rohm.com
TSZ22111・14・001
DC Brushless Fan Motor Driver
Standard Single-phase Full wave
Fan Motor Driver
BA6423AF
●
●
●
●General Description
This is the summary of application for BA6423AF. BA6423AF incorporates lock protection and automatic restart circuit.
●
●
●
●Features
Lock protection and auto restart
Lock alarm signal (AL) output
●
●
●
●Applications
General consumer electronics, BD player, DVR, STB
Office equipment, Copier, FAX Laser Printer etc.
●
●
●
●Package(s)
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
●Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
Vcc
30
V
Power dissipation
Pd
780*
mW
Operation temperature
Topr
-40 to +100
℃
Storage temperature
Tstg
-55 to +150
℃
Output current
Iomax
1.0**
A
Output voltage
Vout
30
V
AL signal output voltage
Val
30
V
Junction temperature
Tjmax
150
℃
*
Reduce by 6.24mW/℃ over 25℃. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
**
This value is not to exceed Pd.
●Operating Conditions
Parameter
Symbol
Ratings
Unit
Operating supply voltage range
Vcc
6.0 to 28.0
V
Hall input voltage range
Vh
2.5 to Vcc
V
SOP8


Similar Part No. - BA6423AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
288Kb / 4P
Single-phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
108Kb / 4P
Silicon Monolithic Integrated Circuit
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
Single-phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF_11 Datasheet
108Kb / 4P
Silicon Monolithic Integrated Circuit
More results

Similar Description - BA6423AF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Rohm
BD6962FVM ROHM-BD6962FVM_14 Datasheet
481Kb / 17P
Standard Single-phase Full wave Fan motor driver
BD6964F ROHM-BD6964F_14 Datasheet
598Kb / 17P
Standard Single-phase Full wave Fan motor driver
BD6964FVM ROHM-BD6964FVM_14 Datasheet
474Kb / 17P
Standard Single-phase Full wave Fan motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com