Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95512-DF Datasheet(PDF) 26 Page - STMicroelectronics

Part # M95512-DF
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DF Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M95512-DF Datasheet HTML 22Page - STMicroelectronics M95512-DF Datasheet HTML 23Page - STMicroelectronics M95512-DF Datasheet HTML 24Page - STMicroelectronics M95512-DF Datasheet HTML 25Page - STMicroelectronics M95512-DF Datasheet HTML 26Page - STMicroelectronics M95512-DF Datasheet HTML 27Page - STMicroelectronics M95512-DF Datasheet HTML 28Page - STMicroelectronics M95512-DF Datasheet HTML 29Page - STMicroelectronics M95512-DF Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Instructions
M95512-W M95512-R M95512-DR M95512-DF
26/50
DocID11124 Rev 21
6.7
Read Identification Page (available only in M95512-D
devices)
The Identification Page (128 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode.
Reading this page is achieved with the Read Identification Page instruction (see Table 4).
The Chip Select signal (S) is first driven low, the bits of the instruction byte and address
bytes are then shifted in, on Serial Data Input (D). Address bit A10 must be 0, upper
address bits are Don't Care, and the data byte pointed to by the lower address bits [A6:A0]
is shifted out on Serial Data Output (Q). If Chip Select (S) continues to be driven low, the
internal address register is automatically incremented, and the byte of data at the new
address is shifted out.
The number of bytes to read in the ID page must not exceed the page boundary, otherwise
unexpected data is read (e.g.: when reading the ID page from location 90d, the number of
bytes should be less than or equal to 38d, as the ID page boundary is 128 bytes).
The read cycle is terminated by driving Chip Select (S) high. The rising edge of the Chip
Select (S) signal can occur at any time during the cycle. The first byte addressed can be any
byte within any page.
The instruction is not accepted, and is not executed, if a write cycle is currently in progress.
Figure 15. Read Identification Page sequence
C
D
Ai15966
S
Q
15
2
1
3
4
5
6
7
8
9 10
20 21 22 23 24 25 26 27
14 13
3
2
1
0
28 29 30
76543
1
7
0
High impedance
Data Out 1
Instruction
16-bit address
0
MSB
MSB
2
31
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com