Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSPRL0602D Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPRL0602D
Description  AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0602D Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPRL0602D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL0602D Series
300 Watt
Dual Output
AC/DC Switching Power Supply
Rev. B
F Type (Enclosed with Top built-in Fan Type): 6(L) x 4(W) x 2(H) inches; Weight: 28.22oz
Unit mm [inches]
I/O CONNECTOR PIN ASSIGNMENT
Input and Output Connector (CN2):
Howder Terminal block Part No. HD-121-7P or Mating Molex Part No. 09-91-1600 (16 pin).
Output Pin Assignment:
(See table below)
OUTPUT PIN ASSIGNMENT
Howder
Molex
Pin 1: V1
Pins 1 ~ 3: V1
Pins 2 ~ 3: RTN
Pins 4 ~ 8: RTN
Pin 4: V2
Pins 9 ~ 10: V2
Pin 5: GND
Pin 12: GND
Pin 6: Neutral
Pin 14: Neutral
Pin 7: Line
Pin 16: Line
Logic signal connector (CN1):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Mounting Inserts:
8 Places M4X0.7 (8-32 Optional). Maximum Penetration 4mm see outline drawing for location.
Fan driver connector (FAN2):
Mating connector is JST P/N XHP-2 (2 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-02).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com