Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8987 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Production Data
WM8987L
w
PD Rev 4.0 August 2008
7
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
ADCOSR = DACOSR = 1 (64 fs), 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2) to ADC out
AVDD = 3.3V
1.0
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 1.8V
0.545
V rms
L/RINPUT1 to ADC,
PGA gain = 0dB
22
L/RINPUT1 to ADC,
PGA gain = +30dB
1.5
L/RINPUT1 unused
DC Measurement
16
Input Resistance
L/RINPUT1 unused
17
k
Ω
Input Capacitance
10
pF
AVDD = 3.3V
80
90
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
87
dB
-1dBFs input,
AVDD = 3.3V
-80
0.01
Total Harmonic Distortion
THD
-1dBFs input,
AVDD = 1.8V
-70
0.03
dB
%
ADC Channel Separation
1kHz signal
88
dB
Channel Matching
1kHz signal
0.04
%
DAC to BTL headset drive (left=LOUT2/OUT3, right=ROUT1/ROUT2)
Full scale output voltage
across BTL load
0dBFS
LOUT2-OUT3,
ROUT1-ROUT2
AVDD/1.65
Vrms
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
AVDD=HPVDD=1.8V,
RL=32
Ω, PO=5mW
-66
0.05
-58
0.13
Total Harmonic Distortion
THD
AVDD=HPVDD =1.8V,
RL=16
Ω, PO=5mW
-62
0.08
dB
%
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=HPVDD =1.8V,
RL=32
Ω
80
86
dB
DAC to single-ended headset drive (LOUT2/ROUT2, using capacitors)
Full scale output voltage
0dBFS
LOUT2, ROUT2
AVDD/3.3
Vrms
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
HPVDD=3.3V, RL=32
Ω,
PO=5mW
-61
0.09
-52
0.25
Total Harmonic Distortion
THD
HPVDD=3.3V, RL=16
Ω,
PO=5mW
-60
0.1
-52
0.25
dB
%
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=HPVDD =3.3V
92
98
dB
DAC to single-ended headset drive (capless, using OUT3 as headphone ground)
Full scale output voltage
0dBFS
LOUT2-OUT3,
ROUT2-OUT3
AVDD/3.3
Vrms
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
HPVDD=3.3V, RL=32
Ω,
PO=5mW
-61
0.09
Total Harmonic Distortion
THD
HPVDD=3.3V, RL=16
Ω,
PO=5mW
-60
0.1
dB
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com