Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ1VB2D331K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ1VB2D331K
Description  Multilayer Ceramic Capacitors(100V, 200V Series)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ1VB2D331K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ1VB2D331K Datasheet HTML 1Page - Panasonic Semiconductor ECJ1VB2D331K Datasheet HTML 2Page - Panasonic Semiconductor ECJ1VB2D331K Datasheet HTML 3Page - Panasonic Semiconductor ECJ1VB2D331K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC32 –
EC
J
3
F
B
2A4
7
3K
Rated Voltage Code
Nominal
Capacitance
Size Code
(Example)
Capacitance
Tolerance Code
123456789
10
11
12
Packaging Style
Code
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
Temperature
Characteristic Code
5
4
3
2
1
L
T
W
L1
L2
Multilayer Ceramic Capacitors
(100V, 200V Series)
Series:
ECJ
■ Features
● Small size and wide capacitance range
● High humidity resistance and long life
● Low inductance (ESL) and excellent frequency
characteristics
● RoHS compliant
■ Recommended Applications
● Noise limiting, coupling, time constant and oscillation
circuitry
■ Handling Precautions
See Page 48 to 53
■ Packaging Specifications
See Page 45, 46, 56
■ Explanation of Part Numbers
■ Construction
■ Dimensions in mm (not to scale)
Size Code
Size (EIA)
L
W
T
L1, L2
1
0603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
2
0805
2.0±0.1
1.25±0.10
0.85±0.10
0.50±0.25
1.25±0.10
31206
3.20±0.15
1.60±0.15
0.85±0.10
0.6±0.3
1.15±0.10
3.2±0.2
1.6±0.2
1.6±0.2
41210
3.2±0.3
2.5±0.3
2.0±0.2
0.6±0.3
2.5±0.3
■ Packaging Styles and Standard Packaging Quantities
Packaging
Style Code
Size
Thickness (mm)
Packaging Styles
0603
0805
1206
1210
T=0.8 T=0.85 T=1.25T=0.85 T=1.15
T=1.6
T=2.0
T=2.5
V
φ180 reel
Paper taping (Pitch: 4
mm)
4,000
4,000
—
4,000
—
—
—
—
F
Embossed taping
(Pitch: 4 mm)
——
3,000
—
3,000
—
—
—
Y—
—
—
——
2,000
2,000
1,000
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Quantity : pcs./reel
Apr. 2008
00


Similar Part No. - ECJ1VB2D331K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ1VB2D331 PANASONIC-ECJ1VB2D331 Datasheet
207Kb / 4P
Multilayer Ceramic Capacitors
ECJ1VB2D331 PANASONIC-ECJ1VB2D331 Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
More results

Similar Description - ECJ1VB2D331K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
4A, 100V - 200V Ultrafast Diodes
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
Multilayer Ceramic Capacitors (100V, 200V Series)
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
logo
Lumileds Lighting Compa...
LXV8-PW27-0014 LUMILEDS-LXV8-PW27-0014 Datasheet
1Mb / 23P
High Voltage (100V and 200V) LED
logo
Panasonic Semiconductor
ECJ-2VB2D471K PANASONIC-ECJ-2VB2D471K Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com