Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3685EMSE Datasheet(PDF) 21 Page - Linear Technology

Part # LT3685EMSE
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685EMSE Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3685EMSE Datasheet HTML 16Page - Linear Technology LT3685EMSE Datasheet HTML 17Page - Linear Technology LT3685EMSE Datasheet HTML 18Page - Linear Technology LT3685EMSE Datasheet HTML 19Page - Linear Technology LT3685EMSE Datasheet HTML 20Page - Linear Technology LT3685EMSE Datasheet HTML 21Page - Linear Technology LT3685EMSE Datasheet HTML 22Page - Linear Technology LT3685EMSE Datasheet HTML 23Page - Linear Technology LT3685EMSE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3685
21
3685fb
TYPICAL APPLICATIONS
1.8V Step-Down Converter
12V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
15V TO 36V
TRANSIENT
TO 60V*
VOUT
12V
2A
10μF
0.47μF
22μF
50k
f = 800kHz
D: DIODES INC. DFLS240L
L: NEC/TOKIN PLC-0755-100
*USE SCHOTTKY DIODE RATED AT VR >45V.
D
26.1k
40.2k
L
10μH
715k
GND
330pF
ON OFF
LT3685
3685 TA06
RUN/SS
BOOST
SYNC
SW
FB
VC
PG
RT
VIN
BD
VIN
3.5V TO 27V
VOUT
1.8V
2A
4.7μF
0.47μF
47μF
100k
f = 500kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB3R3M
D
18.2k
68.1k
L
3.3μH
127k
GND
330pF
ON OFF
LT3685
3685 TA08
RUN/SS
BOOST
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com