Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC456L0NIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC456L0NIP0F
Description  High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC456L0NIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC456L0NIP0F Datasheet HTML 2Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 3Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 4Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 5Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 6Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 7Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 8Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 9Page - Sharp Corporation PC456L0NIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A04702EN
6
PC456L0NIP0F Series
Fig.1 Test Circuit for Propagation Delay Time
Fig.2 Test Circuit for Instantaneous Common Mode Rejection Voltage
Fig.3 Forward Current vs. Ambient
Temperature
Fig.4 Power Dissipation vs. Ambient
Temperature
RL
CL
GND
0.1µF
IF
VO
15V
A
SW
B
Amp.
Voltage
regulator
1.5kV
0V
VCM
CMH,VO
CML,VO
(IF=0)
(IF=10mA)
SW is A
SW is B
VCC
VO (MIN.)
VO (MAX.)
VOL
VCM
+
−
Ambient temperature Ta (˚C)
0
20
40
45
60
80
100
−40
0
25
50
100
125
−25
P
PO
75
85
70
tPHL
tPLH
tf
90%
10%
IF
RL
GND
CL
VOL
VTHLH
VTHHL
10mA
0mA
IF
VO
VO
15V
47Ω
Amp.
Voltage
regulator
tr
Ambient temperature Ta (˚C)
0
5
10
15
20
25
−40
0
25
50
75
100
125
−25
85
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com