Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004BCB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6004BCB
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004BCB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6004BCB Datasheet HTML 1Page - Intersil Corporation HIP6004BCB Datasheet HTML 2Page - Intersil Corporation HIP6004BCB Datasheet HTML 3Page - Intersil Corporation HIP6004BCB Datasheet HTML 4Page - Intersil Corporation HIP6004BCB Datasheet HTML 5Page - Intersil Corporation HIP6004BCB Datasheet HTML 6Page - Intersil Corporation HIP6004BCB Datasheet HTML 7Page - Intersil Corporation HIP6004BCB Datasheet HTML 8Page - Intersil Corporation HIP6004BCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Typical Application
Pinouts
HIP6004B (SOIC, TSSOP)
TOP VIEW
HIP6004B (QFN)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID0
VID1
VID2
VID4
VID3
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
VID0
VID2
VID3
VID1
VID4
VCC
PGND
BOOT
LGATE
UGATE
1
2
3
4
5
678
9
10
15
14
13
12
11
20
19
18
17
16
GND
21
+12V
+VOUT
PGND
HIP6004B
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
SS
PGOOD
D/A
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
VIN = +5V OR +12V
OVP
MONITOR AND
PROTECTION
+
-
+
-
VID4
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com