Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ACT86 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ACT86
Description  Quad 2-Input Exclusive-OR-Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT86 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ACT86 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT86 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74AC86/HD74ACT86
Quad 2-Input Exclusive-OR-Gate
Features
• Outputs Source/Sink 24 mA
• HD74ACT86 has TTL-Compatible Inputs
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
VCC
(Top view)
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
40
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
4.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT86)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case


Similar Part No. - HD74ACT86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ACT86 RENESAS-HD74ACT86 Datasheet
191Kb / 6P
Quad 2-Input Exclusive-OR-Gate
More results

Similar Description - HD74ACT86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com