Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSPL2015D Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSPL2015D
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL2015D Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSPL2015D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL2015D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSPL2015D
©Silikron Semiconductor CO.,LTD.
2013.11.16
Version : 1.1
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
1.0
°C/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
°C/W
Junction-to-Ambient (PCB mounted, steady-state)
40
°C/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
200
V
VGS = 0V, ID= 250μA
RDS(on)
Static Drain-to-Source on-resistance
0.13
0.15
Ω
VGS=10V,ID =7.5A
0.27
TJ = 125°C
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.26
TJ = 125°C
IDSS
Drain-to-Source leakage current
1
μA
VDS =200V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
27
nC
ID = 18A,
VDS=160V,
VGS = 10V
Qgs
Gate-to-Source charge
6
Qgd
Gate-to-Drain("Miller") charge
12
td(on)
Turn-on delay time
15
nS
VGS=10V, VDD =100V,
RL=5.55Ω,RGEN=25Ω
ID =18A
tr
Rise time
65
td(off)
Turn-Off delay time
64
tf
Fall time
57
Ciss
Input capacitance
1030
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
244
Crss
Reverse transfer capacitance
57
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
18
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
72
A
V
SD
Diode Forward Voltage
0.9
1.3
V
IS=15A, VGS=0V, TJ = 25°C
trr
Reverse Recovery Time
154
nS
TJ = 25°C, IF =18A, di/dt =
100
A/μs
Qrr
Reverse Recovery Charge
965
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com