Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV5408B Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV5408B Datasheet HTML 3Page - Supertex, Inc HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc HV5408B Datasheet HTML 10Page - Supertex, Inc HV5408B Datasheet HTML 11Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pin
Function
Description
31
LE
Latch enable input.
When LE is HIGH, shift register data is transferred into a data latch. When LE is
LOW, data is latched, and new data can be clocked into the shift register.
32
DATA IN
Serial data input.
Data needs to be present before each rising edge of the clock.
33
OE
Output enable input.
When OE is LOW, all HV outputs are forced into a LOW state, regardless of data
in each channel. When OE is HIGH, all HV outputs reflect data latched.
34
N/C
No connect.
35
HV
OUT1
High voltage outputs.
High voltage push-pull outputs, which, depending on controlling low voltage data,
can drive loads either to GND, or to V
PP rail levels.
36
HV
OUT2
37
HV
OUT3
38
HV
OUT4
39
HV
OUT5
40
HV
OUT6
41
HV
OUT7
42
HV
OUT8
43
HV
OUT9
44
HV
OUT10
44-Lead PQFP Pin Assignment (PG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com