Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74HC02 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74HC02
Description  Quad. 2-input NOR Gates
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC02 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74HC02 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC02 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC02
3
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
—
—
90
—
115
ns
time
4.5
—
7
18
—
23
6.0
—
—
15
—
20
t
PHL
2.0
—
—
90
—
115
ns
4.5
—
6
18
—
23
6.0
—
—
15
—
20
Output rise time
t
TLH
2.0
—
—
75
—
95
ns
4.5
—
5
15
—
19
6.0
—
—
13
—
16
Output fall time
t
THL
2.0
—
—
75
—
95
ns
4.5
—
5
15
—
19
6.0
—
—
13
—
16
Input capacitance
Cin
—
—
5
10
—
10
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com