Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND5N07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND5N07
Description  fully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 1 Page - STMicroelectronics

  VND5N07 Datasheet HTML 1Page - STMicroelectronics VND5N07 Datasheet HTML 2Page - STMicroelectronics VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
September 2013
Rev
4
1/24
24
VND5N07
OMNIFET II
fully autoprotected Power MOSFET
Features
■ Linear current limitation
■ Thermal shutdown
■ Short circuit protection
■ Integrated clamp
■ Low current drawn from input pin
■ Diagnostic feedback through input pin
■ Esd protection
■ Direct access to the gate of the power mosfet
(analog driving)
■ Compatible with standard Power MOSFET
Description
The VND5N07 is a monolithic device designed in
STMicroelectronics VIPower M0 technology,
intended for replacement of standard Power
MOSFETs from DC to 50KHz applications. Built in
thermal shutdown, linear current limitation and
overvoltage clamp protect the chip in harsh
environments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
Max. on-state resistance (per ch.)
RDS (on)
0.2
Ω
Current limitation (typ)
ILIMH
5 A
Drain-Source clamp voltage
VCLAMP
70V
1
3
3
2
1
DPAK
TO-252
IPAK
TO-251
SOT-82FM
ISOWATT200
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
DPAK
VND5N07
VND5N0713TR
IPAK
VND5N07-1
ISOWATT220
VNP5N07FI
SOT-82FM
VNK5N07FM
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
507Kb / 24P
OMNIFET IIfully autoprotected Power MOSFET
11-Dec-2008
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
166Kb / 15P
OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
507Kb / 24P
OMNIFET IIfully autoprotected Power MOSFET
11-Dec-2008
VND5N0713TR STMICROELECTRONICS-VND5N0713TR Datasheet
166Kb / 15P
OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
More results

Similar Description - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
FULLY AUTOPROTECTED POWER MOSFET
Sep-1994
VNW50N04A STMICROELECTRONICS-VNW50N04A_04 Datasheet
307Kb / 12P
FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
fully autoprotected Power MOSFET
12-Dec-2008
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
fully autoprotected Power MOSFET
05-Apr-2011
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
fully autoprotected Power MOSFET
18-Sep-2013
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
FULLY AUTOPROTECTED POWER MOSFET
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com