Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ0EF1C473Z Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECJ0EF1C473Z
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EF1C473Z Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECJ0EF1C473Z Datasheet HTML 3Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 9Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 10Page - Panasonic Semiconductor ECJ0EF1C473Z Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– EC14 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
■ Standard Products for EIA “0402”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CK
CJ
CH
CG
0.5 ±0.25 pF (C) ECJ0EC1H0R5C 0.5
——
—
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ0EC1H010
0.5
——
—
1.5
ECJ0EC1H1R5
0.5
——
—
2
ECJ0EC1H020
0.5
——
—
3
ECJ0EC1H030
0.5
—
——
4
ECJ0EC1H040
0.5
—
—
—
5
ECJ0EC1H050
0.5
—
—
—
6
±0.5 pF(D)
ECJ0EC1H060D
0.5
—
—
—
7
ECJ0EC1H070D
0.5
—
—
—
8
ECJ0EC1H080D
0.5
—
—
—
9
ECJ0EC1H090D
0.5
—
—
—
10
±0.5 pF (D)
or ±1 pF (F)
ECJ0EC1H100
0.5
—
—
12
±5 % (J)
or
±10 % (K)
ECJ0EC1H120
0.5
—
—
15
ECJ0EC1H150
0.5
—
—
18
ECJ0EC1H180
0.5
—
—
22
ECJ0EC1H220
0.5
—
—
27
ECJ0EC1H270
0.5
—
—
33
ECJ0EC1H330
0.5
—
—
39
ECJ0EC1H390
0.5
—
—
47
ECJ0EC1H470
0.5
—
—
56
ECJ0EC1H560
0.5
—
—
68
ECJ0EC1H680
0.5
—
—
82
ECJ0EC1H820
0.5
—
—
100
ECJ0EC1H101
0.5
—
—
120
ECJ0EC1H121
0.5
—
—
150
ECJ0EC1H151
0.5
—
—
180
ECJ0EC1H181
0.5
—
—
220
ECJ0EC1H221
0.5
—
—
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel.
Recommend soldering method: Reflow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
0.5 ±0.25 pF (C) ECJ0EG1H0R5C 0.5
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ0EG1H010
0.5
1.5
ECJ0EG1H1R5
0.5
2
ECJ0EG1H020
0.5
3
ECJ0EG1H030
0.5
4
ECJ0EG1H040
0.5
5
ECJ0EG1H050
0.5
6
±0.5 pF(D)
ECJ0EG1H060D
0.5
7
ECJ0EG1H070D
0.5
8
ECJ0EG1H080D
0.5
9
ECJ0EG1H090D
0.5
10
±0.5 pF (D)
or ±1 pF (F)
ECJ0EG1H100
0.5
12
±5 % (J)
or
±10 % (K)
ECJ0EG1H120
0.5
15
ECJ0EG1H150
0.5
18
ECJ0EG1H180
0.5
22
ECJ0EG1H220
0.5
27
ECJ0EG1H270
0.5
33
ECJ0EG1H330
0.5
39
ECJ0EG1H390
0.5
47
ECJ0EG1H470
0.5
56
ECJ0EG1H560
0.5
68
ECJ0EG1H680
0.5
82
ECJ0EG1H820
0.5
100
ECJ0EG1H101
0.5
120
ECJ0EG1H121
0.5
150
ECJ0EG1H151
0.5
180
ECJ0EG1H181
0.5
220
ECJ0EG1H221
0.5
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Sep. 2008
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com