Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74HC366 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74HC366
Description  Hex Bus Drivers (with 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC366 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74HC366 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC366 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC366
2
Pin Arrangement
VCC
G2
6A
6Y
5A
5Y
4A
4Y
(Top view)
G1
1A
1Y
2A
2Y
3A
3Y
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
V
CC
–0.5 to +7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Output voltage
V
OUT
–0.5 to V
CC + 0.5
V
DC current drain per pin
I
OUT
±35
mA
DC current drain per V
CC, GND
I
CC, IGND
±75
mA
DC input diode current
I
IK
±20
mA
DC output diode current
I
OK
±20
mA
Power dissipation per package
P
T
500
mW
Storage temperature
Tstg
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com