Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EZ2.7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2EZ2.7
Description  SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2EZ2.7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2EZ2.7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2EZ2.7 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2EZ2.7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
Type No.
2EZ75D10
75
6.7
90
2000
0.25
0.5
56.0
24
2EZ82D10
82
6.1
100
3000
0.25
0.5
62.2
22
2EZ91D10
91
5.5
125
3000
0.25
0.5
69.2
20
2EZ100D10
100
5.0
175
3000
0.25
0.5
76.0
18
2EZ110D10
110
4.5
250
4000
0.25
0.5
83.6
17
2EZ120D10
120
4.2
325
4500
0.25
0.5
91.2
15
2EZ130D10
130
3.8
400
5000
0.25
0.5
98.8
14
2EZ140D10
140
3.6
500
5500
0.25
0.5
106.4
13
2EZ150D10
150
3.3
575
6000
0.25
0.5
114.0
12
2EZ160D10
160
3.1
650
6500
0.25
0.5
121.6
11
2EZ170D10
170
2.9
675
7000
0.25
0.5
130.4
11
2EZ180D10
180
2.8
725
7000
0.25
0.5
136.8
10
2EZ190D10
190
2.6
825
8000
0.25
0.5
144.8
10
2EZ200D10
200
2.5
1900
9990
0.25
0.5
152.0
9.0
2EZ220D10
220
2.0
2000
8500
0.25
0.5
167.0
8.0
2EZ270D10
270
1.6
2200
8500
0.25
0.5
205.0
6.7
2EZ300D10
300
1.5
2200
9000
0.25
0.5
228
5.9
2EZ330D10
330
1.4
2300
9000
0.25
0.5
250
5.4
Notes :
(1) Suffix " 10 " indicates
± 10% tolerance, suffix " 5 " indicates± 5% tolerance.
(2) " EZ " will be omitted in marking on the diode
星合电子
XINGHE ELECTRONICS
2EZ2.7 THRU 2EZ330
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com