Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS2D11 Datasheet(PDF) 1 Page - Allied Components International

Part # PCS2D11
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS2D11 Datasheet(HTML) 1 Page - Allied Components International

  PCS2D11 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS2D11
15
DCR
(
Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS2D11-1R5T-RC
PCS2D11-2R2T-RC
PCS2D11-3R3T-RC
PCS2D11-3R9T-RC
PCS2D11-4R7T-RC
PCS2D11-100T-RC
PCS2D11-220T-RC
1.5
2.2
3.3
3.9
4.7
10
22
30
30
30
30
30
30
30
100
100
100
100
100
100
100
0.068
0.098
0.123
0.160
0.170
0.400
0.950
0.90
0.78
0.60
0.60
0.50
0.35
0.16
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS2D11-6R8T-RC
6.8
30
100
0.260
0.44
PCS2D11-150T-RC
15
30
100
0.600
0.25
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 04/05/13
Irms
(A)
1.48
1.27
1.02
0.88
0.65
0.80
Max
Typ.
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Low profile suitable for pick and place
Electrical
Inductance Range: 1.0µh to 22µh
Tolerance: 30% over entire range
Operating Temp: -30ºC ~ +100ºC
Rated Current: Current at which inductance
drop is equal to 35% typ.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L): PM3260A / HP4284A / HP4285A
(RDC): Chen Hwa 502BC
Rated Current: HP4284A+HP42841A or
Chen Hwa 1061 + Chen Hwa 301A
Physical
Packaging: 1000 pieces per 7 inch reel.
Marking: 2 Character Alpha Code
∆ T=40ºC temp rise
Irms: current at which
Also, available in tighter tolerances
PCS2D11-1R0T-RC
1.0
30
100
0.054
0.88
1.70
Dimensions:
Inches
(mm)


Similar Part No. - PCS2D11

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS2D11-100T-RC ALLIED-PCS2D11-100T-RC Datasheet
376Kb / 1P
Power Chip Shielded Inductors
PCS2D11-150T-RC ALLIED-PCS2D11-150T-RC Datasheet
376Kb / 1P
Power Chip Shielded Inductors
PCS2D11-1R5T-RC ALLIED-PCS2D11-1R5T-RC Datasheet
376Kb / 1P
Power Chip Shielded Inductors
PCS2D11-220T-RC ALLIED-PCS2D11-220T-RC Datasheet
376Kb / 1P
Power Chip Shielded Inductors
PCS2D11-2R2T-RC ALLIED-PCS2D11-2R2T-RC Datasheet
376Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCS2D11

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com