Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE1801BJR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE1801BJR Datasheet HTML 1Page - STMicroelectronics STMPE1801BJR Datasheet HTML 2Page - STMicroelectronics STMPE1801BJR Datasheet HTML 3Page - STMicroelectronics STMPE1801BJR Datasheet HTML 4Page - STMicroelectronics STMPE1801BJR Datasheet HTML 5Page - STMicroelectronics STMPE1801BJR Datasheet HTML 6Page - STMicroelectronics STMPE1801BJR Datasheet HTML 7Page - STMicroelectronics STMPE1801BJR Datasheet HTML 8Page - STMicroelectronics STMPE1801BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
March 2011
Doc ID 17884 Rev 3
1/60
60
STMPE1801
Xpander Logic™
18-bit enhanced port expander with keypad controller
Features
18 GPIOs configurable as GPI, GPO, keypad
matrix, special key or dedicated key function
Operating voltage: 1.65 - 3.6 V
Hardware keypad controller (KPC)
(10 x 8 matrix with 4 optional dedicated keys
maximum)
Keypad controller capable of detecting
keypress in hibernation mode
Interrupt output (open drain) pin
Advanced power management system
Ultra-low standby mode current
Programmable pull-up resistors for all GPIO
pins
ESD performance on GPIO pins:
– ± 8 kV human body model
(JESD22 A114-C)
ESD performance on VCC, GND, INTB, RSTB,
SCL, SDA pins:
– ± 3 kV human body model
(JESD22 A114-C)
Description
The STMPE1801 is a GPIO (general purpose
input/output) port expander capable of interfacing
a main digital ASIC via the two-line bidirectional
bus (I2C). A separate GPIO expander IC is often
used in mobile multimedia platforms to resolve
the problem of the limited number of GPIOs
typically available on digital engines.
The STMPE1801 offers high flexibility, as each
I/O can be configured as input, output, special
key, keypad matrix or dedicated key function. This
device is designed to include very low quiescent
current, and a wakeup feature for each I/O, to
optimize the power consumption of the device.
Potential applications for the STMPE1801 include
portable media players, game consoles, mobile
and smart phones.
Flip-chip CSP 25
(2.03 x 2.03 mm)
Table 1.
Device summary
Order code
Package
Packaging
STMPE1801BJR
Flip-chip CSP 25 (2.03 x 2.03 mm)
0.4 mm pitch
Tape and reel
www.st.com


Similar Part No. - STMPE1801BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
More results

Similar Description - STMPE1801BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
logo
STMicroelectronics
STMPE1600 STMICROELECTRONICS-STMPE1600 Datasheet
280Kb / 27P
16-bit port expander with ultra-low power consumption Xpander Logic?
05-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com